Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZK2000-002-14 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ZK2000-002-14
Description  Fully interchangeable with COTS systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZK2000-002-14 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ZK2000-002-14 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZK2000-002-14 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZK2000-002-14 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZK2000-002-14 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZK2000-002-14 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZK2000-002-14 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
cPCI SERIES
1
2
3
4
5
6
7
1 CONNECTOR FAMILY(1) [Fixed]
k 2 2 mm cPCI SERIES
2 CONNECTOR STYLE(2) (PerIEC1076-4-101)
a WItH MUltI-PURPoSe CeNteR (MPC; polarization feature)
B WItHoUt MPC
3 NUMBER OF SIGNAL PINS
1 1 0 110 CoNtACtS
0 9 5 95 CoNtACtS
4 NUMBER OF ROwS [Fixed]
F tOP SHIElD (6 row)
5 CONTACT GENDER
M MAle DAUGHteRCARD
F FeMAle BACkPlANe
6 STRAIGHT DIP SOLDER
D
D 1
D 2
D 4
D 5
7 PLATING
taH 50 µin GolD oveR NICkel (mating surface only)
otHeR SURFACeS GolD FlASH oveR NICkel (female contacts only)
taBH SAMe AS tAH WItH tIN/leAD (63/67) oveR NICkel oN CoNtACt teRMINAtIoNS (female contacts only)
tBH SAMe AS tH WItH tIN/leAD (63/67) oveR NICkel oN CoNtACt teRMINAtIoNS (male contacts only)
HOW tO ORDER
k
F
2
Notes:
1) Quality Conformance Inspection: MIL-DTL 55302 Group A & B
2) Pin one locations per IEC 1076-4-101
Dimensions are in inches [mm]
BACKPLANE CONNECTOR
TAIL LENGTH
DAUGHTER BOARD CONNECTOR
TAIL LENGTH
0.216 [5.50]
0.123 [3.12]
0.380 [9.65]
0.630 [16.00]
0.166 [4.22]
0.166 [4.22]
0.265 [6.73]
TBD


Similar Part No. - ZK2000-002-14

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZK2000A LUGUANG-ZK2000A Datasheet
2Mb / 1P
   FAST RECOVERY DIODES
More results

Similar Description - ZK2000-002-14

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HP4-AC220V PANASONIC-HP4-AC220V Datasheet
312Kb / 11P
   Interchangeable with existing models
logo
Phihong USA Inc.
PSC03R-050 PHIHONG-PSC03R-050 Datasheet
93Kb / 2P
   2.5W USB Adapter with Interchangeable Plugs
PSB05R-050Q PHIHONG-PSB05R-050Q Datasheet
129Kb / 2P
   5W USB Adapter with Interchangeable Plugs
PMA36R-120PHW PHIHONG-PMA36R-120PHW Datasheet
151Kb / 3P
   36W Medical Grade Adapter with Interchangeable Plugs
logo
E+E Elektronik Ges.m.b....
EE07 EPLUSE-EE07 Datasheet
572Kb / 3P
   Interchangeable Humidity / Temperature Probes with Digital Output
v2.6
EE220 EPLUSE-EE220 Datasheet
3Mb / 10P
   Humidity and Temperature Sensor with Interchangeable Probes
01-2024
logo
Phihong USA Inc.
PMA10R-050AW PHIHONG-PMA10R-050AW Datasheet
125Kb / 3P
   10W Medical Grade Adapter with Interchangeable Plugs
logo
FSP TECHNOLOGY INC.
FSP015-RBMM FSP-FSP015-RBMM Datasheet
84Kb / 1P
   Interchangeable AC plugs
FSP015-RADM-NP FSP-FSP015-RADM-NP Datasheet
83Kb / 1P
   Interchangeable AC plugs
FSP030-RDAMF FSP-FSP030-RDAMF Datasheet
133Kb / 1P
   Interchangeable AC plugs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com