Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT-5000 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FT-5000
Description  Supports up to 42KB of application code space
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT-5000 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  FT-5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT-5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT-5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT-5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT-5000 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT-5000 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT-5000 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT-5000 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT-5000 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.echelon.com
®
Specifications
Data Communications Type
Differential Manchester encoding.
Network Polarity
Polarity insensitive.
Isolation between Network and
FT 5000 IC
0-60Hz, 60 seconds: 1,000Vrms; 0-60Hz,
continuous: 277Vrms1.
EMI
Designed to comply with FCC Part 15
Subpart B and
EN55022 Level B.
ESD
Designed to comply with EN 61000-4-2,
Level 4.
Radiated Electromagnetic Susceptibility
Designed to comply with EN 61000-4-3,
Level 3.
Fast Transient/Burst Immunity
Designed to comply with EN 61000-4-4,
Level 4.
Surge Immunity
Designed to comply with EN 61000-4-5,
Level 3.
Conducted RF Immunity
Designed to comply with EN 61000-4-6,
Level 3.
Transmission Speed
78 kilobits per second.
Number of Transceivers per Segment
Up to 64.
Network Wiring
24 to 16AWG twisted pair; see
Series 5000
Chip Data Book or Junction Box and
Wiring Guidelines engineering bulletin for
qualified cable types.
Network Length in Free Topology2
500m (1,640 feet) maximum total
wire with no repeaters.
500m (1,640 feet) maximum device-to-
device distance.
Network Length in Doubly-terminated
Bus Topology2
2700m (8,850 feet) with no repeaters.
Maximum Stub Length in Doubly-termi-
nated Bus Topology
3m (9.8 fe
Network Termination
One terminator in free topology; two
terminators in bus topology
(more details in Series 5000 Chip Data
Book).
Power-down Network Protection
High impedance when unpowered.
Operating Temperature
-40 to 85 °C
Operating Humidity
25-90% RH @50 °C, non-condensing
(FT-X3 Communications Transformer).
Non-operating Humidity
95% RH @ 50 °C, non-condensing
(FT-X3 Communications Transformer).
Vibration
1.5g peak-to-peak, 8Hz-2kHz
(FT-X3 Communications Transformer).
Mechanical Shock
100g (peak)
(FT-X3 Communications Transformer).
Reflow Soldering Temperature Profile
Refer to Joint Industry Standard document
IPC/JEDEC J-STD-020D.1 (March 2008).
Peak Reflow Soldering Temperature
260°C (FT 5000 Smart Transceiver).
245°C (FT-X3 Communications
Transformer).
Co-planarity
0.12 mm (FT-X3 Communications
Transformer).
Mass
6g (FT-X3 Communications Transformer).
Notes
1. Safety agency hazardous voltage
barrier requirements are not supported.
2. Network segment length varies,
depending on wire type. See Junction
Box and Wiring Guidelines engineering
bulletin for detailed specifications.
Ordering Information
FT 5000 Smart Transceiver
14235R-2000
14235R-500
FT-X3 Communications Transformer
14255R-100
© 2014 Echelon, LonWorks, and the Echelon logo are trademarks of Echelon Corporation registered in the United States and other
countries.IzoT is a trademark of Echelon Corporation. Content subject to change without notice.


Similar Part No. - FT-5000

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FT-55U SANYO-FT-55U Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
More results

Similar Description - FT-5000

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS540 XILINX-DS540 Datasheet
999Kb / 45P
   Supports PCIe access to PLB space
logo
List of Unclassifed Man...
R9-NBS-UDMK-GP ETC2-R9-NBS-UDMK-GP Datasheet
327Kb / 1P
   Supports up to 15??laptops.
SI-64 ETC2-SI-64 Datasheet
414Kb / 1P
   Supports up to four display outputs
logo
Xilinx, Inc
DS416 XILINX-DS416 Datasheet
1,021Kb / 50P
   Supports up to 2 physical channels
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
   For space saving application
logo
Maxim Integrated Produc...
MAX20307EVKIT MAXIM-MAX20307EVKIT Datasheet
774Kb / 9P
   Supports Fast Drive Signals up to 15MHz
Rev 0; 5/18
logo
Vecow Co., Ltd.
EMBC-2000 VECOW-EMBC-2000 Datasheet
441Kb / 2P
   Supports DDR3L 1866MHz memory, up to 8GB
logo
Protech Systems Co., Lt...
PSB-602LF PROTECHSYSTEMS-PSB-602LF Datasheet
503Kb / 2P
   Memory supports DDRII 800 SDRAM up to 4GB
logo
Infineon Technologies A...
BFR380L3 INFINEON-BFR380L3_13 Datasheet
587Kb / 6P
   Collector design supports supply voltage up to 5V
2013-08-29
logo
ATMEL Corporation
AT7908E ATMEL-AT7908E Datasheet
77Kb / 7P
   CAN Controller for Space Application
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com