Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0050579210 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0050579210
Description  SL Crimp Housing, Single Row, Version C, Front Ribs, 10 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0050579210 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0050579210_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0050579210_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 08/29/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0050579210
Status:
Active
Overview:
SL™ Modular Connectors
Description:
SL™ Crimp Housing, Single Row, Version C, Front Ribs, 10 Circuits
Documents:
3D Model
Product Specification TS-70058-001-001 (PDF)
Drawing (PDF)
Product Specification TS-70541-001-001 (PDF)
Product Specification PS-70058-001 (PDF)
Packaging Specification PK-70066-100 (PDF)
Product Specification PS-70400-001 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-71851-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
70066
Application
Signal, Wire-to-Board
Comments
Version C
Overview
SL™ Modular Connectors
Product Name
SL™
UPC
800753578043
Physical
Circuits (maximum)
10
Color - Resin
Black
Flammability
94V-0
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
No
Material - Resin
Polyester Alloy
Net Weight
0.072/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.54mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
3.0A
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Engineering Number
70066-0079
Reference - Drawing Numbers
Packaging Specification
PK-70066-100
Product Specification
PS-70058-001, PS-70400-001, PS-71851-001,
TS-70058-001-001, TS-70541-001-001
Sales Drawing
SD-70066-0071-0094
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
70066 Series
Mates With
70543 , 70545 , 70553 , 70555 , 70541 ,
70551 , 70634 , 74099
Use With
SL™ Crimp Terminal 70058 , 71851


Similar Part No. - 0050579210_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0050579210 MOLEX1-0050579210_17 Datasheet
47Kb / 1P
   SL Crimp Housing, Single Row, Version C, Front Ribs, 10 Circuits, Black
More results

Similar Description - 0050579210_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50-57-9210 MOLEX11-50-57-9210 Datasheet
49Kb / 1P
   SL??Crimp Housing, Single Row, Version C, Front Ribs, 10 Circuits
0050579210 MOLEX1-0050579210_18 Datasheet
47Kb / 1P
   SL Crimp Housing, Single Row, Version C, Front Ribs, 10 Circuits, Black
50-57-9203 MOLEX11-50-57-9203 Datasheet
49Kb / 1P
   SL??Crimp Housing, Single Row, Version C, Front Ribs, 3 Circuits
50-57-9207 MOLEX11-50-57-9207 Datasheet
49Kb / 1P
   SL??Crimp Housing, Single Row, Version C, Front Ribs, 7 Circuits
50-57-9209 MOLEX11-50-57-9209 Datasheet
49Kb / 1P
   SL??Crimp Housing, Single Row, Version C, Front Ribs, 9 Circuits
50-57-9211 MOLEX11-50-57-9211 Datasheet
49Kb / 1P
   SL??Crimp Housing, Single Row, Version C, Front Ribs, 11 Circuits
50-57-9215 MOLEX11-50-57-9215 Datasheet
49Kb / 1P
   SL??Crimp Housing, Single Row, Version C, Front Ribs, 15 Circuits
50-57-9221 MOLEX11-50-57-9221 Datasheet
49Kb / 1P
   SL??Crimp Housing, Single Row, Version C, Front Ribs, 21 Circuits
50-57-9225 MOLEX11-50-57-9225 Datasheet
49Kb / 1P
   SL??Crimp Housing, Single Row, Version C, Front Ribs, 25 Circuits
0050579205 MOLEX1-0050579205_17 Datasheet
44Kb / 2P
   SL Crimp Housing, Single Row, Version C, Front Ribs, 5 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com