Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCMT1600 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TCMT1600
Description  Optocoupler, Phototransistor Output, AC Input
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCMT1600 Datasheet(HTML) 5 Page - Vishay Siliconix

  TCMT1600_15 Datasheet HTML 1Page - Vishay Siliconix TCMT1600_15 Datasheet HTML 2Page - Vishay Siliconix TCMT1600_15 Datasheet HTML 3Page - Vishay Siliconix TCMT1600_15 Datasheet HTML 4Page - Vishay Siliconix TCMT1600_15 Datasheet HTML 5Page - Vishay Siliconix TCMT1600_15 Datasheet HTML 6Page - Vishay Siliconix TCMT1600_15 Datasheet HTML 7Page - Vishay Siliconix TCMT1600_15 Datasheet HTML 8Page - Vishay Siliconix TCMT1600_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TCMT1600, TCMT4600, TCMT4606
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 21-Jul-15
5
Document Number: 83512
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 6 - Collector Current vs. Collector Emitter Voltage
Fig. 7 - Leakage Current vs. Ambient Temperature
Fig. 8 - Collector Current vs. Collector Emitter Voltage
Fig. 9 - Normalized Current Transfer Ratio (non-saturated) vs.
Ambient Temperature
Fig. 10 - Normalized Current Transfer Ratio (saturated) vs.
Ambient Temperature
Fig. 11 - Collector Emitter Voltage vs. Ambient Temperature
0
5
10
15
20
25
30
35
40
45
50
55
0
1
2
3
4
5
6
7
8
9
10
V
CE - Collector Emitter Voltage (non-sat) (V)
I
F = 30 mA
I
F = 35 mA
IF = 1 mA
I
F = 20 mA
I
F = 15 mA
I
F = 10 mA
I
F = 5 mA
I
F = 25 mA
0.001
0.01
0.1
1
10
100
1000
10 000
T
amb - Ambient Temperature (°C)
I
F = 0 mA
V
CE = 40 V
V
CE = 24 V
V
CE = 12 V
-60 -40 -20
0
20
40
60
80
120
100
0
2
4
6
8
10
12
14
00.1
0.2
0.3
0.4
V
CE - Collector Emitter Voltage (V)
I
F = 1 mA
I
F = 10 mA
I
F = 5 mA
I
F = 2 mA
0
0.2
0.4
0.6
0.8
1.0
1.2
T
amb - Ambient Temperature (°C)
Normalized to CTR value:
I
F = 5 mA, VCE = 5 V, Tamb = 25 °C
I
F = 5 mA
-60 -40 -20
0
20
40
60
80
120
100
0
0.2
0.4
0.6
0.8
1.0
1.2
T
amb - Ambient Temperature (°C)
I
F = 5 mA
Normalized to CTR value:
I
F = 5 mA, VCE = 5 V, Tamb = 25 °C
-60 -40 -20
0
20
40
60
80
120
100
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
T
amb - Ambient Temperature (°C)
I
c = 1 mA
I
c = 2 mA
I
c = 5 mA
I
F = 10 mA
-60 -40 -20
0
20
40
60
80
120
100


Similar Part No. - TCMT1600_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMT1600T3 VISHAY-TCMT1600T3 Datasheet
271Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat
Rev. 1.8, 16-May-08
TCMT1600T3 VISHAY-TCMT1600T3 Datasheet
402Kb / 10P
   Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2022
TCMT1600 VISHAY-TCMT1600_08 Datasheet
271Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat
Rev. 1.8, 16-May-08
TCMT1600 VISHAY-TCMT1600_V01 Datasheet
402Kb / 10P
   Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2022
TCMT1600 VISHAY-TCMT1600_V02 Datasheet
402Kb / 10P
   Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package
01
More results

Similar Description - TCMT1600_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6206-3T VISHAY-SFH6206-3T Datasheet
160Kb / 7P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 23-Feb-11
SFH620A VISHAY-SFH620A_V02 Datasheet
168Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_V02 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
SFH620A VISHAY-SFH620A_15 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 2.3, 31-Aug-15
TCET2600 VISHAY-TCET2600_10 Datasheet
167Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 10-Dec-10
SFH620A VISHAY-SFH620A_05 Datasheet
400Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 01-Dec-05
SFH620A VISHAY-SFH620A_V01 Datasheet
167Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
K814P VISHAY-K814P_V02 Datasheet
184Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_05 Datasheet
195Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.8, 01-Dec-05
K814P VISHAY-K814P_04 Datasheet
262Kb / 9P
   Optocoupler, Phototransistor Output, AC input
Rev. 1.8, 26-Oct-04
TCET1600 VISHAY-TCET1600_10 Datasheet
156Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 10-Dec-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com