Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19100N27H-I4T1U Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-19100N27H-I4T1U
Description  FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19100N27H-I4T1U Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-19100N27H-I4T1U Datasheet HTML 2Page - Seiko Instruments Inc S-19100N27H-I4T1U Datasheet HTML 3Page - Seiko Instruments Inc S-19100N27H-I4T1U Datasheet HTML 4Page - Seiko Instruments Inc S-19100N27H-I4T1U Datasheet HTML 5Page - Seiko Instruments Inc S-19100N27H-I4T1U Datasheet HTML 6Page - Seiko Instruments Inc S-19100N27H-I4T1U Datasheet HTML 7Page - Seiko Instruments Inc S-19100N27H-I4T1U Datasheet HTML 8Page - Seiko Instruments Inc S-19100N27H-I4T1U Datasheet HTML 9Page - Seiko Instruments Inc S-19100N27H-I4T1U Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
FOR AUTOMOTIVE 105°C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100xxxH Series
Rev.2.0_01
6
Pin Configurations
1. SOT-23-5
13
2
4
5
Top view
Figure 3
Table 4
Pin No.
Symbol
Description
1
OUT
Voltage detection output pin
2
VDD
Input voltage pin
3
VSS
GND pin
4
NC*1
No connection
5
CD
Connection pin for delay capacitor
*1.
The NC pin is electrically open.
The NC pin can be connected to the VDD pin or the VSS pin.
2. SC-82AB
12
3
4
Top view
Figure 4
Table 5
Pin No.
Symbol
Description
1
VSS
GND pin
2
VDD
Input voltage pin
3
CD
Connection pin for delay capacitor
4
OUT
Voltage detection output pin
3. SNT-4A
4
3
2
1
Top view
Figure 5
Table 6
Pin No.
Symbol
Description
1
VSS
GND pin
2
OUT
Voltage detection output pin
3
CD
Connection pin for delay capacitor
4
VDD
Input voltage pin


Similar Part No. - S-19100N27H-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19100N27H-I4T1U SII-S-19100N27H-I4T1U Datasheet
2Mb / 45P
   BUILT-IN DELAY CIRCUIT
More results

Similar Description - S-19100N27H-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19101XXXH SII-S19101XXXH Datasheet
1Mb / 31P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXA SII-S19101XXXA Datasheet
1Mb / 30P
   FOR AUTOMOTIVE 125째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19100XXXA SII-S19100XXXA Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19110AXXH SII-S19110AXXH Datasheet
5Mb / 49P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19110JXXA SII-S19110JXXA Datasheet
5Mb / 46P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19104 SII-S19104 Datasheet
2Mb / 40P
   FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19105 SII-S19105 Datasheet
2Mb / 37P
   FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19110AXXA SII-S19110AXXA Datasheet
4Mb / 49P
   FOR AUTOMOTIVE 125째C OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com