Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBSP1617MZG-D Datasheet(PDF) 2 Page - DDK Ltd.

Part # EBSP1617MZG-D
Description  Moistureproof Circular Connectors for Solder Terminations Meeting IP55
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

EBSP1617MZG-D Datasheet(HTML) 2 Page - DDK Ltd.

  EBSP1617MZG-D Datasheet HTML 1Page - DDK Ltd. EBSP1617MZG-D Datasheet HTML 2Page - DDK Ltd. EBSP1617MZG-D Datasheet HTML 3Page - DDK Ltd. EBSP1617MZG-D Datasheet HTML 4Page - DDK Ltd. EBSP1617MZG-D Datasheet HTML 5Page - DDK Ltd. EBSP1617MZG-D Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
http://www.ddknet.co.jp
EB Series
2
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○Insert Arrangement List
Shell Size
13
16
21
Number of Contacts
3
7
7
10
10
19
Insert Arrnagement
Insert No.
1303
1307
1607
1610
2110
2119
Shell Size
25
Number of Contacts
16
24
32
Insert Arrnagement
Insert No.
2516
2524
2532
θ 1
θ 2
θ 3
XY
Z
13
3
180°
790 ゜
16
730 ゜
10
45 ゜
   90 ゜
21
10
45 ゜
90 ゜
19
45 ゜
90 ゜
25
16
45 ゜
90 ゜
24
45 ゜
90 ゜
32
45 ゜
90 ゜
1
3
2
Z
X
Y
10
8
1
3
4
7
θ1
45°
Insert Locating Key
Shell Locating Key
45°
Front View of Pin Insert or
Rear View of Socket Insert
Examples of Insert Rotaion
For P/N EB □□ 1610MX
For P/N EB □□ 1610FX
1
3
2
1
2
35
67
1
2
35
6
7
10
8
1
3
4
7
1
3
4
7
8
10
13
4
7
8
12
13
16
17
19
1
4
5
9
10
13
14
16
1
2
3
6
7
10
11
14
15
18
19
22
23
24
1
2
3
7
8
13
14
19
20
25
26
30
31
32
○ Alternate Insert Positions
●・・・φ 1.0mm Contact(#20 Contact) ○・・・φ 1.6mm Contact(#16 Contact)
Note : Front view of pin insert or rear view of socket insert
Normal key position illustrated.
Shell
Size
Number of
Contacts
AIternate
Insert
Position
Change Angle


Similar Part No. - EBSP1617MZG-D

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
EBS CARLOGAVAZZI-EBS Datasheet
95Kb / 2P
   Timers Interval Type EBS
logo
Inventronics Inc.
EBS-025S045BT2 INVENTRONICS-EBS-025S045BT2 Datasheet
673Kb / 15P
   25W Class I/II NFC Driver with DALI-2 and D4i
Rev.A
EBS-025S045DT2 INVENTRONICS-EBS-025S045DT2 Datasheet
739Kb / 12P
   EBS-025S045BT2
Rev.A
EBS-025S070BT2 INVENTRONICS-EBS-025S070BT2 Datasheet
673Kb / 15P
   25W Class I/II NFC Driver with DALI-2 and D4i
Rev.A
EBS-025S070DT2 INVENTRONICS-EBS-025S070DT2 Datasheet
739Kb / 12P
   EBS-025S045BT2
Rev.A
More results

Similar Description - EBSP1617MZG-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
WEBSP1303MXG-1-D DDK-WEBSP1303MXG-1-D Datasheet
301Kb / 8P
   Waterproof Circular Connectors for Solder Terminations Meeting IP67
JMSP1303MXGD-D DDK-JMSP1303MXGD-D Datasheet
324Kb / 7P
   Circular Connectors for Solder Terminations Conforming to JIS-C-5432
JMSP2116F-D DDK-JMSP2116F-D Datasheet
324Kb / 7P
   Circular Connectors for Solder Terminations Conforming to JIS-C-5432
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
logo
Hirose Electric
HR24A-8DLPA4SA2200A HIROSE-HR24A-8DLPA4SA2200A Datasheet
722Kb / 17P
   CIRCULAR WATER-PROOF CONNECTORS FOR SENSORS
logo
DB Lectro Inc
AEC0610SL-P9 DBLECTRO-AEC0610SL-P9 Datasheet
434Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
AEC0810SL-P9 DBLECTRO-AEC0810SL-P9 Datasheet
435Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
Lumberg
0137 LUMBERG-0137 Datasheet
784Kb / 3P
   DIN circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
   Miniature circular connectors
logo
List of Unclassifed Man...
R03 ETC2-R03 Datasheet
616Kb / 2P
   Miniature Circular Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com