Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA741Y Datasheet(PDF) 2 Page - Texas Instruments

Part # UA741Y
Description  GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA741Y Datasheet(HTML) 2 Page - Texas Instruments

  UA741Y Datasheet HTML 1Page - Texas Instruments UA741Y Datasheet HTML 2Page - Texas Instruments UA741Y Datasheet HTML 3Page - Texas Instruments UA741Y Datasheet HTML 4Page - Texas Instruments UA741Y Datasheet HTML 5Page - Texas Instruments UA741Y Datasheet HTML 6Page - Texas Instruments UA741Y Datasheet HTML 7Page - Texas Instruments UA741Y Datasheet HTML 8Page - Texas Instruments UA741Y Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
µA741, µA741Y
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS094B – NOVEMBER 1970 – REVISED SEPTEMBER 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
TSSOP
(PW)
FLAT
PACK
(U)
CHIP
FORM
(Y)
0
°C to 70°C
µA741CD
µA741CP
µA741CPW
µA741Y
–40
°C to 85°C
µA741ID
µA741IP
–55
°C to 125°C
µA741MFK
µA741MJ
µA741MJG
µA741MU
The D package is available taped and reeled. Add the suffix R (e.g.,
µA741CDR).
schematic
IN –
IN+
VCC+
VCC –
OUT
OFFSET N1
OFFSET N2
Transistors
22
Resistors
11
Diode
1
Capacitor
1
Component Count


Similar Part No. - UA741Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA741Y TI-UA741Y Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Similar Description - UA741Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com