Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4223B-MFS Datasheet(PDF) 2 Page - ATMEL Corporation

Part # U4223B-MFS
Description  Time-Code Receiver with A/D Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4223B-MFS Datasheet(HTML) 2 Page - ATMEL Corporation

  U4223B-MFS Datasheet HTML 1Page - ATMEL Corporation U4223B-MFS Datasheet HTML 2Page - ATMEL Corporation U4223B-MFS Datasheet HTML 3Page - ATMEL Corporation U4223B-MFS Datasheet HTML 4Page - ATMEL Corporation U4223B-MFS Datasheet HTML 5Page - ATMEL Corporation U4223B-MFS Datasheet HTML 6Page - ATMEL Corporation U4223B-MFS Datasheet HTML 7Page - ATMEL Corporation U4223B-MFS Datasheet HTML 8Page - ATMEL Corporation U4223B-MFS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
U4223B
Rev. A7, 06-Mar-01
2 (18)
Pin Description
3
4
5
13
14
15
16
17
18
19
20
2
1
6
7
8
9
10
12
11
VCC
IN
GND
SB
DEC
D0 (LSB)
D1
D2
D3 (MSB)
PON
CLK
U4223B
Q1A
Q1B
REC
INT
FLA
Q2B
Q2A
SL
FLB
Figure 2. Pinning
Pin
Symbol
Function
1
VCC
Supply voltage
2
IN
Amplifier – Input
3
GND
Ground
4
SB
Bandwidth control
5
Q1A
Crystal filter 1
6
Q1B
Crystal filter 1
7
REC
Rectifier output
8
INT
Integrator output
9
DEC
Decoder input
10
FLA
Lowpass filter
11
FLB
Lowpass filter
12
CLK
Clock input for ADC
13
SL
AGC hold mode
14
Q2A
Crystal filter 2
15
Q2B
Crystal filter 2
16
PON
Power ON/OFF control
17
D3
Data out MSB
18
D2
Data out
19
D1
Data out
20
D0
Data out LSB
IN
A ferrite antenna is connected between IN and VCC. For
high sensitivity, the Q factor of the antenna circuit should
be as high as possible. Please note that a high Q factor
requires temperature compensation of the resonant
frequency in most cases. Specifications are valid for
Q>30. An optimal signal-to-noise ratio will be achieved
by a resonant resistance of 50 to 200 k
W.
IN
VCC
Figure 3.
SB
A resistor RSB is connected between SB and GND. It
controls the bandwidth of the crystal filters. It is recom-
mended: RSB = 0
W for DCF 77.5 kHz, RSB = 10 kW for
60 kHz WWVB and RSB = open for JG2AS 40 kHz.
SB
GND
Figure 4.


Similar Part No. - U4223B-MFS

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
U422 CALOGIC-U422 Datasheet
28Kb / 2P
   N-Channel Dual JFET
logo
Micross Components
U422 MICROSS-U422 Datasheet
276Kb / 1P
   Linear Systems replaces discontinued Siliconix U422
logo
Linear Integrated Syste...
U422 LINEAR-U422 Datasheet
180Kb / 2P
   LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL
logo
Tripp Lite. All Rights ...
U422-003 TRIPPLITE-U422-003 Datasheet
159Kb / 3P
   USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Type-B M/M, 3-ft. Length
U422-003-G2 TRIPPLITE-U422-003-G2 Datasheet
160Kb / 3P
   USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Type-B (M/M), 3 ft.
More results

Similar Description - U4223B-MFS

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4224B TEMIC-U4224B Datasheet
225Kb / 17P
   Time Code Receiver
U4226B TEMIC-U4226B Datasheet
920Kb / 17P
   TIME-CODE RECEIVER WITH TC OUTPUT
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
   SMPTE Time Code Receiver/Generator
2019
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
   SMPTE Time Code Receiver/Generator
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
   SMPTE Time Code Receiver/Generator
logo
OKI electronic componet...
ML6190B OKI-ML6190B Datasheet
108Kb / 11P
   Longwave Time Code RF Receiver LSI
ML6190A OKI-ML6190A Datasheet
109Kb / 11P
   Longwave Time Code RF Receiver LSI
logo
NEC
UPD7003 NEC-UPD7003 Datasheet
1Mb / 10P
   8 BIT A/D CONVERTER WITH LOW CONVERSATION TIME
logo
List of Unclassifed Man...
AK2124 ETC-AK2124 Datasheet
105Kb / 6P
   Receiver/Demodulator for time code signals transmitted by the transmitters
AK2127 ETC-AK2127 Datasheet
98Kb / 6P
   Receiver/ Demodulator for time code signals transmitted by the transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com