Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2514B-AFN Datasheet(PDF) 8 Page - TEMIC Semiconductors

Part # U2514B-AFN
Description  AM/FM Receiver for Digital Tuning with FM-Stereo Decoder
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2514B-AFN Datasheet(HTML) 8 Page - TEMIC Semiconductors

Back Button U2514B-AFN Datasheet HTML 4Page - TEMIC Semiconductors U2514B-AFN Datasheet HTML 5Page - TEMIC Semiconductors U2514B-AFN Datasheet HTML 6Page - TEMIC Semiconductors U2514B-AFN Datasheet HTML 7Page - TEMIC Semiconductors U2514B-AFN Datasheet HTML 8Page - TEMIC Semiconductors U2514B-AFN Datasheet HTML 9Page - TEMIC Semiconductors U2514B-AFN Datasheet HTML 10Page - TEMIC Semiconductors U2514B-AFN Datasheet HTML 11Page - TEMIC Semiconductors U2514B-AFN Datasheet HTML 12Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
U2514B
TELEFUNKEN Semiconductors
Rev. A2, 04-Nov-96
Preliminary Information
8 (15)
Functional Description
FM
The antenna signal is fed via a tuned RF-circuit to the
integrated pre-stage which consists of a transistor
grounded base circuit. To protect the prestage against
overload, an automatic gain control (AGC) is included on
the chip. Additional there is the possibility to extend the
AGC control range by use of an external pin diode. For
economic applications a hybrid-band pass filter can be
used instead of a tuned RF-circuit.
A tuned RF circuit on the collector is necessary for
amplifying and filtering of the FM signal which is fed
internally to the mixer. It consists of a double balanced
Gilbert Cell.
The LO signal is generated by an integrated oscillator.
The buffered LO signal is used to drive a PLL. The
IF-signal (10.7 MHz) is coupled out at the mixers output
and fed via a ceramic filter to the demodulator. The
demodulated AF signal is available at MPXOUT.
AM
The antenna signal is fed directly to the mixer. In order to
ensure the level control which is necessary in the case of
large signals, the generator resistance has to be higher
than 25 k
W. The LO signal is generated by an integrated
oscillator. The buffered LO signal is used to drive the
PLL. If the AM-search mode is required, the IF must be
455 kHz. The IF output signal is fed via a ceramic filter
to the demodulator. The demodulated AF signal is
available at MPXOUT.
CTRLA
By applying a control voltage at pin CTRLA the mode of
the receiver can be selected.
Mode
12593
Reception
Search
Mute
0.8 V
1.3 V
VRef
VCTRLA
Figure 23.
Search Mode
The search-mode is selected by applying a control voltage
less than 0.7 V at pin CTRLA.
0
10
20
30
40
50
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VCTRLA ( V )
12591
Figure 24.
The search sensitivity can be chosen by varying of the
control voltage in the range of 0 to 0.7 V. If the control
voltage is 0 V, the highest sensitivity is achieved.
Reception Mode
In the reception-mode there is a possibility for muting by
varying the control voltage in the range of 1.3 to 0.8 V. If
the control voltage is 0.8 V, the highest mute depth is
achieved.
–50
–40
–30
–20
–10
0
10
0
0.4
0.8
1.2
1.6
2.0
VCTRLA ( V )
12690
Figure 25.


Similar Part No. - U2514B-AFN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2510B ATMEL-U2510B Datasheet
262Kb / 15P
   All-Band AM/FM Receiver and Audio Amplifier
logo
TEMIC Semiconductors
U2510B TEMIC-U2510B Datasheet
400Kb / 15P
   All-Band AM/FM Receiver and Audio Amplifier
logo
ATMEL Corporation
U2510B-M ATMEL-U2510B-M Datasheet
262Kb / 15P
   All-Band AM/FM Receiver and Audio Amplifier
logo
TEMIC Semiconductors
U2510B-M TEMIC-U2510B-M Datasheet
400Kb / 15P
   All-Band AM/FM Receiver and Audio Amplifier
logo
ATMEL Corporation
U2510B-MT ATMEL-U2510B-MT Datasheet
262Kb / 15P
   All-Band AM/FM Receiver and Audio Amplifier
More results

Similar Description - U2514B-AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2099N TOSHIBA-TA2099N Datasheet
697Kb / 19P
   AM/FM IFFM STEREO DETECTOR (FOR DIGITAL TUNING SYSTEM)
TA2057N TOSHIBA-TA2057N Datasheet
602Kb / 18P
   AM/FM IFFM ST DET (FOR DIGITAL TUNING SYSTEM)
logo
Silicon Laboratories
SI4830 SILABS-SI4830 Datasheet
1Mb / 3P
   Broadcast Mechanical Tuning AM/FM Radio Receiver
SI4844-B20 SILABS-SI4844-B20 Datasheet
1Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4840 SILABS-SI4840 Datasheet
1Mb / 3P
   Broadcast Analog Tuning Digital Display AM/FM/SW Radio Receiver
SI4840-A10 SILABS-SI4840-A10 Datasheet
1Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Sony Corporation
ST-H300 SONY-ST-H300 Datasheet
10Mb / 12P
   FM stereo, FM/AM superheterodyne tuner
logo
Silicon Laboratories
SI4827-A10 SILABS-SI4827-A10 Datasheet
1Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4822-A10 SILABS-SI4822-A10 Datasheet
1Mb / 24P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4827-A10 SKYWORKS-SI4827-A10 Datasheet
2Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com