Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8880A22-M5T1U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-8880A22-M5T1U
Description  ENERGY HARVESTING POWERED BY ULTRA-LOW POWER AND ULTRA-LOW VOLTAGE OPERATION BOOST CHARGE PUMP FOR STEP-UP DC-DC CONVERTER STARTUP
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8880A22-M5T1U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-8880A22-M5T1U Datasheet HTML 3Page - Seiko Instruments Inc S-8880A22-M5T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8880A22-M5T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8880A22-M5T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8880A22-M5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8880A22-M5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8880A22-M5T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8880A22-M5T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8880A22-M5T1U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
ENERGY HARVESTING POWERED BY ULTRA-LOW POWER AND ULTRA-LOW VOLTAGE OPERATION BOOST CHARGE PUMP FOR STEP-UP DC-DC CONVERTER STARTUP
Rev.1.0_01
S-8880A Series
7
2. Step-up DC-DC converter output voltage monitor pin (VM pin)
When the output voltage of the step-up DC-DC converter to be monitored rises and the VM pin voltage (VVM)
reaches or exceeds the power-off voltage (VOFF), the power-off status is entered. When this happens, the internal
oscillation circuit stops its operation, so that the charge pump circuit operation stops, and greatly reduces the current
consumption. Figure 4 shows the configuration of the VM pin.
VREF
VM pin
+
Table 8
VM Pin
Internal Circuit
VVM
< VOFF
Operate
VVM
≥ VOFF
Stop
Figure 4 VM Pin Configuration
Set VVM during power-off as follows.
3.0 V
≥ VVM ≥ VIN + 1.0 V
3.0 V
≥ VVM ≥ VOUT
When VVM
< VIN + 1.0 V occurs, the current consumption during power-off increases.
When VVM
< VOUT occurs, the discharge control switch leakage current increases.
Caution 1. When not using the VM pin in actual use, be sure to connect it to the VSS pin. If the VM pin is
left open, it may cause malfunctions.
2. Note that the operation to restart a step-up DC-DC converter does not start when CPOUT pin
voltage (VCPOUT) exceeds the discharge stop voltage (VCPOUT2) even if the power-off status is
released. This operation restarts if VCPOUT decreases to VCPOUT2 or lower by discharge of the
startup capacitor (CCPOUT).
3. Do not connect a high resistance to the VM pin. Note that the VM pin input current (IVM) max.
may not flow if a high resistance is connected.


Similar Part No. - S-8880A22-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8813 SII-S-8813 Datasheet
366Kb / 29P
   3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
S-8821 SII-S-8821 Datasheet
199Kb / 19P
   VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Seiko Instruments Inc
S-882125AMH-M2ATFG SII-S-882125AMH-M2ATFG Datasheet
199Kb / 19P
   VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
S-882125AMH-M2ATFZ SII-S-882125AMH-M2ATFZ Datasheet
1Mb / 24P
   VOLTAGE REGULATION
More results

Similar Description - S-8880A22-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8823A SII-S8823A Datasheet
2Mb / 28P
   ENERGY HARVESTING POWERED BY ULTRA-LOW POWER AND ULTRA-LOW VOLTAGE OPERATION BOOST CHARGE PUMP
S-882Z SII-S-882Z Datasheet
560Kb / 24P
   ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP
logo
Renesas Technology Corp
M62216FP RENESAS-M62216FP Datasheet
164Kb / 12P
   Low Voltage Operation STEP-UP DC/DC Converter
logo
Mitsubishi Electric Sem...
M62216FP MITSUBISHI-M62216FP Datasheet
72Kb / 8P
   Low Voltage Operation STEP-UP DC-DC Converter
logo
Seiko Instruments Inc
S-8821 SII-S-8821 Datasheet
199Kb / 19P
   VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
S8821 SII-S8821 Datasheet
1Mb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Cypress Semiconductor
MB39C831 CYPRESS-MB39C831 Datasheet
2Mb / 40P
   Ultra Low Voltage Boost Power Management IC for Solar/Thermal Energy Harvesting Datasheet
logo
ON Semiconductor
LV52130N0XA ONSEMI-LV52130N0XA Datasheet
441Kb / 19P
   1coil Boost DC-DC converter and Inverter Charge Pump
October 2015 - Rev. 0
logo
AiT Semiconductor Inc.
A7534 AITSEMI-A7534 Datasheet
649Kb / 9P
   DC-DC CONVERTER BOOST (STEP-UP) 0.9V STARTUP, 1MHz, 300mA IOUT, LOW IQ, SYNCHRONOUS
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com