Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8533A50AFT-TB-x Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8533A50AFT-TB-x
Description  STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8533A50AFT-TB-x Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8533A50AFT-TB-x Datasheet HTML 4Page - Seiko Instruments Inc S-8533A50AFT-TB-x Datasheet HTML 5Page - Seiko Instruments Inc S-8533A50AFT-TB-x Datasheet HTML 6Page - Seiko Instruments Inc S-8533A50AFT-TB-x Datasheet HTML 7Page - Seiko Instruments Inc S-8533A50AFT-TB-x Datasheet HTML 8Page - Seiko Instruments Inc S-8533A50AFT-TB-x Datasheet HTML 9Page - Seiko Instruments Inc S-8533A50AFT-TB-x Datasheet HTML 10Page - Seiko Instruments Inc S-8533A50AFT-TB-x Datasheet HTML 11Page - Seiko Instruments Inc S-8533A50AFT-TB-x Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8533 Series
Rev.3.0_01
8
Measurement Circuits
1.
VSS
0.1
μF
4700 pF
ON/OFF
CSS
PDRV
VOUT
NDRV
VIN
A
A
A
A
A
Figure 4
2.
VSS
0.1
μF
CNDRV
1000 pF
CD105
22
μH
MA737
2SA1213
2200 pF
1 k
Ω
F93
47
μF
F93
47
μF
F93
22
μF × 3
F93
22
μF × 3
+
+
+
+
4700 pF
ON/OFF
CSS
PDRV
VOUT
NDRV
VIN
A
Figure 5
3.
VSS
0.1
μF
CDRH104R
22
μH
IOUT
CPH6403
CPH6303
F93
47
μF
F93
47
μF
F93
22
μF
+
+
+
4700 pF
ON/OFF
CSS
PDRV
VOUT
NDRV
VIN
A
Figure 6


Similar Part No. - S-8533A50AFT-TB-x

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8533A50AFT-TB-X ABLIC-S-8533A50AFT-TB-X Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
More results

Similar Description - S-8533A50AFT-TB-x

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Linear Technology
LTC3851-1 LINER-LTC3851-1_15 Datasheet
362Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Linear Technology
LTC3851 LINER-LTC3851 Datasheet
320Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A-1 LINER-LTC3851A-1_15 Datasheet
436Kb / 30P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A LINER-LTC3851A_15 Datasheet
440Kb / 30P
   Synchronous Step-Down Switching Regulator Controller
LTC3851 LINER-LTC3851_15 Datasheet
335Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851-1 LINER-LTC3851-1 Datasheet
342Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com