Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8550 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S8550
Description  STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8550 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S8550 Datasheet HTML 1Page - Seiko Instruments Inc S8550 Datasheet HTML 2Page - Seiko Instruments Inc S8550 Datasheet HTML 3Page - Seiko Instruments Inc S8550 Datasheet HTML 4Page - Seiko Instruments Inc S8550 Datasheet HTML 5Page - Seiko Instruments Inc S8550 Datasheet HTML 6Page - Seiko Instruments Inc S8550 Datasheet HTML 7Page - Seiko Instruments Inc S8550 Datasheet HTML 8Page - Seiko Instruments Inc S8550 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Rev.5.0_01
S-8550 Series
3
Product Name Structure
1. Product name
1. 1 SOT-23-5
S-8550 A A - M5T1 x
Package name abbreviation and packing specification
*1
M5T1: SOT-23-5, tape
Oscillation frequency
A:
1.2 MHz
Environmental code
U:
Lead-free (Sn 100%), halogen-free
G:
Lead-free (for details, please contact our sales office)
*1. Refer to the tape drawing.
1. 2 SNT-8A
S-8550 A A - I8T1 U
Package name abbreviation and packing specification
*1
I8T1: SNT-8A, tape
Oscillation frequency
A:
1.2 MHz
Environmental code
U:
Lead-free (Sn 100%), halogen-free
*1. Refer to the tape drawing.
2. Packages
Package Name
Drawing Code
Package
Tape
Reel
Land
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
SNT-8A
PH008-A-P-SD
PH008-A-C-SD
PH008-A-R-SD
PH008-A-L-SD


Similar Part No. - S8550

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
S8550 WINGS-S8550 Datasheet
86Kb / 1P
   TRANSISTOR (PNP)
logo
Diode Semiconductor Kor...
S8550 DSK-S8550 Datasheet
398Kb / 4P
   Silicon Epitaxial Planar Transistor
logo
DONGGUAN YOU FENG WEI E...
S8550 YFWDIODE-S8550 Datasheet
518Kb / 3P
   PNP Transistors
logo
Weitron Technology
S8550 WEITRON-S8550 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
GUANGDONG HOTTECH INDUS...
S8550 HOTTECH-S8550 Datasheet
205Kb / 2P
   Plastic-Encapsulate Transistors
More results

Similar Description - S8550

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8550 ABLIC-S-8550 Datasheet
622Kb / 31P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Rev.5.0_02
logo
Seiko Instruments Inc
S-8550 SII-S-8550 Datasheet
426Kb / 26P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECIFICATION, PWM CONTROL SWITCHING REGULATORS
S-8550AA-M5T1X SII-S-8550AA-M5T1X Datasheet
1Mb / 31P
   RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S8533 SII-S8533 Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Rohm
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
logo
List of Unclassifed Man...
BD9721FV ETC-BD9721FV Datasheet
81Kb / 2P
   1 CHANNEL STEP DOWN PWM SWITCHING REGULATOR CONTROLLER WITH SYNCHRONOUS RECTIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com