Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8341A60AFT-T2-G Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8341A60AFT-T2-G
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8341A60AFT-T2-G Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8341A60AFT-T2-G Datasheet HTML 1Page - Seiko Instruments Inc S-8341A60AFT-T2-G Datasheet HTML 2Page - Seiko Instruments Inc S-8341A60AFT-T2-G Datasheet HTML 3Page - Seiko Instruments Inc S-8341A60AFT-T2-G Datasheet HTML 4Page - Seiko Instruments Inc S-8341A60AFT-T2-G Datasheet HTML 5Page - Seiko Instruments Inc S-8341A60AFT-T2-G Datasheet HTML 6Page - Seiko Instruments Inc S-8341A60AFT-T2-G Datasheet HTML 7Page - Seiko Instruments Inc S-8341A60AFT-T2-G Datasheet HTML 8Page - Seiko Instruments Inc S-8341A60AFT-T2-G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340/8341 Series
Rev.4.0_01
4
3. Product Name List
(1) Output Voltage Fixed Output Type
Table 1
Output Voltage
(V)
S-8340 Series
A Type
fOSC = 600 kHz
PWM Control
S-8341 Series
A Type
fOSC = 600 kHz
PWM/PFM Switching
Control
S-8340 Series
C Type
fOSC = 300 kHz
PWM Control
S-8341 Series
C Type
fOSC = 300 kHz
PWM/PFM Switching
Control
2.5 V
S-8340A25AFT-T2-x
S-8341A25AFT-T2-x
S-8340C25AFT-T2-x
S-8341C25AFT-T2-x
3.0 V
S-8340A30AFT-T2-x
S-8341A30AFT-T2-x
S-8340C30AFT-T2-x
S-8341C30AFT-T2-x
3.3 V
S-8340A33AFT-T2-x
S-8341A33AFT-T2-x
S-8340C33AFT-T2-x
S-8341C33AFT-T2-x
3.4 V
S-8340A34AFT-T2-x
3.5 V
S-8340A35AFT-T2-x
5.0 V
S-8340A50AFT-T2-x
S-8341A50AFT-T2-x
S-8340C50AFT-T2-x
S-8341C50AFT-T2-x
5.1 V
S-8340A51AFT-T2-x
S-8341C51AFT-T2-x
5.6 V
S-8340A56AFT-T2-x
6.0 V
S-8340A60AFT-T2-x
S-8340C60AFT-T2-x
Remark 1. Contact the SII Semiconductor Corporation marketing department for products with an output voltage other
than those specified above.
2. x: G or U
3. Please select products of environmental code = U for Sn 100%, halogen-free products.
(2) Output Voltage External Setting Type
Table 2
Output Voltage
(V)
S-8340 Series
B Type
fOSC = 600 kHz
PWM Control
S-8341 Series
B Type
fOSC = 600 kHz
PWM/PFM Switching
Control
S-8340 Series
D Type
fOSC = 300 kHz
PWM Control
S-8341 Series
D Type
fOSC = 300 kHz
PWM/PFM Switching
Control
External setting
S-8340B00AFT-T2-x
S-8341B00AFT-T2-x
S-8340D00AFT-T2-x
S-8341D00AFT-T2-x
Remark 1. x: G or U
2. Please select products of environmental code = U for Sn 100%, halogen-free products.


Similar Part No. - S-8341A60AFT-T2-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8340A25AFT-T2-G SII-S-8340A25AFT-T2-G Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A25AFT-T2-U SII-S-8340A25AFT-T2-U Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A25AFT-T2-X SII-S-8340A25AFT-T2-X Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A30AFT-T2-G SII-S-8340A30AFT-T2-G Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A30AFT-T2-U SII-S-8340A30AFT-T2-U Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8341A60AFT-T2-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com