Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8341A60AFT-T2-G Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-8341A60AFT-T2-G
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8341A60AFT-T2-G Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-8341A60AFT-T2-G Datasheet HTML 1Page - Seiko Instruments Inc S-8341A60AFT-T2-G Datasheet HTML 2Page - Seiko Instruments Inc S-8341A60AFT-T2-G Datasheet HTML 3Page - Seiko Instruments Inc S-8341A60AFT-T2-G Datasheet HTML 4Page - Seiko Instruments Inc S-8341A60AFT-T2-G Datasheet HTML 5Page - Seiko Instruments Inc S-8341A60AFT-T2-G Datasheet HTML 6Page - Seiko Instruments Inc S-8341A60AFT-T2-G Datasheet HTML 7Page - Seiko Instruments Inc S-8341A60AFT-T2-G Datasheet HTML 8Page - Seiko Instruments Inc S-8341A60AFT-T2-G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8340/8341 Series
3
Product Name Structure
The control method, product type, and output voltage values for the S-8340/8341 Series can be selected depending on
usage. Refer to “1. Product Name” for the definition of the product name, “2. Package” regarding the package
drawings and “3. Product Name List” for the full product names.
1. Product Name
S-834 x x xx A FT – T2 – x
Environmental code
U : Lead-free (Sn 100%), halogen-free
G : Lead-free (for details, please contact our sales office)
IC direction in tape specifications
*1
Package name (abbreviation)
FT : 8-Pin TSSOP
Output voltage
25 to 60
(E.g., when the output voltage is 2.5 V, it is expressed as 25.)
Product type
A : Output voltage fixed output type, fOSC = 600 kHz
B : Output voltage external setting type, fOSC = 600 kHz
C : Output voltage fixed output type, fOSC = 300 kHz
D : Output voltage external setting type, fOSC = 300 kHz
Control method
0 : PWM control
1 : PWM/PFM switching control
*1. Refer to the tape drawing.
2. Package
Package Name
Drawing Code
Package
Tape
Reel
8-Pin TSSOP
Environmental code = G
FT008-A-P-SD
FT008-E-C-SD
FT008-E-R-SD
Environmental code = U
FT008-A-P-SD
FT008-E-C-SD
FT008-E-R-S1


Similar Part No. - S-8341A60AFT-T2-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8340A25AFT-T2-G SII-S-8340A25AFT-T2-G Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A25AFT-T2-U SII-S-8340A25AFT-T2-U Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A25AFT-T2-X SII-S-8340A25AFT-T2-X Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A30AFT-T2-G SII-S-8340A30AFT-T2-G Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A30AFT-T2-U SII-S-8340A30AFT-T2-U Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8341A60AFT-T2-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com