Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8340A60AFT-T2-G Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-8340A60AFT-T2-G
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8340A60AFT-T2-G Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-8340A60AFT-T2-G Datasheet HTML 2Page - Seiko Instruments Inc S-8340A60AFT-T2-G Datasheet HTML 3Page - Seiko Instruments Inc S-8340A60AFT-T2-G Datasheet HTML 4Page - Seiko Instruments Inc S-8340A60AFT-T2-G Datasheet HTML 5Page - Seiko Instruments Inc S-8340A60AFT-T2-G Datasheet HTML 6Page - Seiko Instruments Inc S-8340A60AFT-T2-G Datasheet HTML 7Page - Seiko Instruments Inc S-8340A60AFT-T2-G Datasheet HTML 8Page - Seiko Instruments Inc S-8340A60AFT-T2-G Datasheet HTML 9Page - Seiko Instruments Inc S-8340A60AFT-T2-G Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340/8341 Series
Rev.4.0_01
6
Absolute Maximum Ratings
Table 4
(Ta = 25
°C unless otherwise specified)
Parameter
Symbol
Absolute Maximum Rating
Unit
VDD pin voltage
VDD
VSS
− 0.3 to VSS + 12
V
VOUT pin voltage
VOUT
VSS
− 0.3 to VSS + 12
V
FB pin voltage
VFB
VSS
− 0.3 to VSS + 12
V
CVREF pin voltage
VCVREF
VSS
− 0.3 to VDD + 0.3
V
CSS pin voltage
VCSS
VSS
− 0.3 to VDD + 0.3
V
ON/OFF pin voltage
VON/OFF
VSS
− 0.3 to VSS + 12
V
SENSE pin voltage
VSENSE
VSS
− 0.3 to VSS + 12
V
EXT pin voltage
VEXT
VSS
− 0.3 to VDD + 0.3
V
EXT pin current
IEXT
±100
mA
Power dissipation
PD
300 (When not mounted on board)
mW
700*1
mW
Operating ambient temperature
Tdpr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size : 114.3 mm × 76.2 mm × t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
600
400
200
0
Ambient temperature Ta (
°C)
500
300
100
700
800
0
50
100
150
300
200
100
0
Ambient temperature Ta (
°C)
400
Figure 4 Power Dissipation of Packages


Similar Part No. - S-8340A60AFT-T2-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8340A60AFT-T2-G SII-S-8340A60AFT-T2-G Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8340A60AFT-T2-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com