Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8424A Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S8424A
Description  BATTERY BACKUP SWITCHING IC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8424A Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S8424A Datasheet HTML 2Page - Seiko Instruments Inc S8424A Datasheet HTML 3Page - Seiko Instruments Inc S8424A Datasheet HTML 4Page - Seiko Instruments Inc S8424A Datasheet HTML 5Page - Seiko Instruments Inc S8424A Datasheet HTML 6Page - Seiko Instruments Inc S8424A Datasheet HTML 7Page - Seiko Instruments Inc S8424A Datasheet HTML 8Page - Seiko Instruments Inc S8424A Datasheet HTML 9Page - Seiko Instruments Inc S8424A Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
BATTERY BACKUP SWITCHING IC
S-8424A Series
Rev.3.0_01
6
Absolute Maximum Ratings
Table 3 Absolute Maximum Ratings
(Unless otherwise specified: Ta
= 25°C)
Parameter
Symbol
Ratings
Unit
Primary power supply input voltage
VIN
VSS
−0.3 to VSS+18
V
Backup power supply input voltage
VBAT
Output voltage of voltage regulator
VRO, VOUT
VSS
−0.3 to VIN+0.3
CS output voltage
VCS
VSS
−0.3 to VSS+18
RESET
output voltage
RESET
V
PREEND
output voltage
PREEND
V
Power dissipation
8-Pin TSSOP
PD
300 (When not mounted on board)
mW
700*1
8-Pin SON(B)
300 (When not mounted on board)
750*1
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
*1. When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name: JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
600
400
200
0
Ambient Temperature Ta (
°C)
500
300
100
700
800
8-Pin TSSOP
8-Pin SON(B)
0
50
100
150
300
200
100
0
Ambient Temperature Ta (
°C)
400
8-Pin TSSOP
8-Pin SON(B)
Figure 4 Power Dissipation of Package


Similar Part No. - S8424A

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S842 SSOUSA-S842 Datasheet
166Kb / 4P
   1 Form A Solid State Relay
S842 SSOUSA-S842 Datasheet
166Kb / 4P
   1 Form A Solid State Relay
logo
List of Unclassifed Man...
S842 ETC2-S842 Datasheet
151Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
logo
Solid State Optronic
S842-X SSOUSA-S842-X Datasheet
275Kb / 7P
   Zero-Volt Cross Switching
logo
Harwin Plc
S8421-45R HARWIN-S8421-45R Datasheet
126Kb / 2P
   SMT COIN CELL HLDER FOR CR2032 TAPE REELED
More results

Similar Description - S8424A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8425 SII-S8425 Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
   BATTERY BACKUP SWITCHING IC
Rev.4.0_00
logo
New Japan Radio
NJU7287 NJRC-NJU7287 Datasheet
204Kb / 11P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8426A SII-S8426A Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com