Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8356QxxMC Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-8356QxxMC
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8356QxxMC Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-8356QxxMC Datasheet HTML 1Page - Seiko Instruments Inc S-8356QxxMC Datasheet HTML 2Page - Seiko Instruments Inc S-8356QxxMC Datasheet HTML 3Page - Seiko Instruments Inc S-8356QxxMC Datasheet HTML 4Page - Seiko Instruments Inc S-8356QxxMC Datasheet HTML 5Page - Seiko Instruments Inc S-8356QxxMC Datasheet HTML 6Page - Seiko Instruments Inc S-8356QxxMC Datasheet HTML 7Page - Seiko Instruments Inc S-8356QxxMC Datasheet HTML 8Page - Seiko Instruments Inc S-8356QxxMC Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_01
S-8355/56/57/58 Series
3
Product Name Structure
The control system, product types, output voltage, and packages for the S-8355/56/57/58 Series can be selected at the
user’s request. Please refer to the “3. Product Name” for the definition of the product name, “4. Package” regarding the
package drawings and “5. Product Name List” for the full product names.
1. Function List
(1) PWM Control Products
Table 1
Product Name
Switching
Frequency
kHz
Shutdown
Function
VDD / VOUT
Separate
Type
Package
Application
S-8355KxxMC
100
Yes
Yes
SOT-23-5
Applications requiring variable output voltage
and a shutdown function
S-8355LxxMC
250
Yes
Yes
SOT-23-5
Applications requiring variable output voltage,
a shutdown function, and a thin coil
S-8355MxxMC
300
Yes
Yes
SOT-23-5
Applications requiring variable output voltage,
a shutdown function, and a thin coil
S-8355QxxMC
600
Yes
Yes
SOT-23-5
Applications requiring variable output voltage,
a shutdown function, and a thin coil
S-8357BxxMC
100
Yes
SOT-23-5
Applications requiring a shutdown function
S-8357BxxMA
100
SOT-23-3
Applications not requiring a shutdown function
S-8357BxxUA
100
SOT-89-3
Applications not requiring a shutdown function
S-8357ExxMC
100
Yes
SOT-23-5
Applications in which output voltage is
adjusted by external resistor
S-8357FxxMC
300
Yes
SOT-23-5
Applications requiring a shutdown function
and a thin coil
S-8357GxxMC
300
Yes
SOT-23-5
Applications requiring variable output voltage
and a thin coil
S-8357HxxMC
250
Yes
SOT-23-5
Applications requiring a shutdown function
and a thin coil
S-8357JxxMC
250
Yes
SOT-23-5
Applications requiring variable output voltage
with an external resistor and a thin coil
S-8357NxxMC
600
Yes
SOT-23-5
Applications requiring a shutdown function
and a thin coil
S-8357PxxMC
600
Yes
SOT-23-5
Applications requiring variable output voltage
with an external resistor and a thin coil


Similar Part No. - S-8356QxxMC

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8356QXXMC ABLIC-S-8356QXXMC Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
More results

Similar Description - S-8356QxxMC

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365 SII-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8363 SII-S8363 Datasheet
2Mb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com