Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ANT1515B00DT1575S Datasheet(PDF) 2 Page - YAGEO Corporation

Part # ANT1515B00DT1575S
Description  WIRELESS COMPONENTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ANT1515B00DT1575S Datasheet(HTML) 2 Page - YAGEO Corporation

  ANT1515B00DT1575S Datasheet HTML 1Page - YAGEO Corporation ANT1515B00DT1575S Datasheet HTML 2Page - YAGEO Corporation ANT1515B00DT1575S Datasheet HTML 3Page - YAGEO Corporation ANT1515B00DT1575S Datasheet HTML 4Page - YAGEO Corporation ANT1515B00DT1575S Datasheet HTML 5Page - YAGEO Corporation ANT1515B00DT1575S Datasheet HTML 6Page - YAGEO Corporation ANT1515B00DT1575S Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.yageo.com
Apr. 6, 2016 V.0
WIRELESS COMPONENTS
2
7
Product specification
Ceramic Patch Antenna
ORDERING INFORMATION
All part numbers are identified by the series, packing type, material, size,
antenna type, working frequency and packing quantity.
PART NUMBER
ANT 1515 B 00D T 1575S
(1)
(2)
(3)
(4)
(5)
(6)
(1) PRODUCT
ANT = Antenna
(2) SIZE
1515 = 15 × 15 mm
(3) ANTENNA TYPE
B = Bulk Antenna
(4) SERIAL NO.
00D
(5) PACKING STYLE
T = Tray
(6) WORKING FREQUENCY
1575= 1.575 GHz
PHYCOMP CTC
CAN43934230D1581B
12NC
43934230D158
FEATURES
High radiation efficiency
Pin-solder process
RoHS compliant
APPLICATIONS
Navigation device
Telematics box
Fleet management


Similar Part No. - ANT1515B00DT1575S

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANT1515B00FT1575A YAGEO-ANT1515B00FT1575A Datasheet
614Kb / 7P
   New data sheet for Patch antenna, PIN Feed size 15횞15횞4 mm
ANT1515B00FT1575S YAGEO-ANT1515B00FT1575S Datasheet
504Kb / 6P
   Ceramic Patch Antenna
More results

Similar Description - ANT1515B00DT1575S

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANTX200P001B15163 YAGEO-ANTX200P001B15163 Datasheet
466Kb / 7P
   WIRELESS COMPONENTS
ANTX100P001B50003 YAGEO-ANTX100P001B50003 Datasheet
454Kb / 7P
   WIRELESS COMPONENTS
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
   WIRELESS COMPONENTS
ANT8868LL00R1880A YAGEO-ANT8868LL00R1880A Datasheet
524Kb / 6P
   WIRELESS COMPONENTS
ANT1204F002R0315A YAGEO-ANT1204F002R0315A Datasheet
407Kb / 6P
   WIRELESS COMPONENTS
ANT1212B00DT1575S YAGEO-ANT1212B00DT1575S Datasheet
579Kb / 6P
   WIRELESS COMPONENTS
ANT3216LL15R1575A YAGEO-ANT3216LL15R1575A_17 Datasheet
478Kb / 6P
   WIRELESS COMPONENTS
ANT5010LL04R2400A YAGEO-ANT5010LL04R2400A Datasheet
492Kb / 6P
   WIRELESS COMPONENTS
ANTX100F113B24003 YAGEO-ANTX100F113B24003 Datasheet
511Kb / 6P
   WIRELESS COMPONENTS
ANT1515JB27B1575A YAGEO-ANT1515JB27B1575A Datasheet
365Kb / 5P
   WIRELESS COMPONENTS
ANT1204LL20R0433A YAGEO-ANT1204LL20R0433A Datasheet
813Kb / 6P
   WIRELESS COMPONENTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com