Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8673EQ36BGK-625IS Datasheet(PDF) 1 Page - GSI Technology

Part # GS8673EQ36BGK-625IS
Description  For use with GSI SRAM Port IP
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8673EQ36BGK-625IS Datasheet(HTML) 1 Page - GSI Technology

  GS8673EQ36BGK-625IS Datasheet HTML 1Page - GSI Technology GS8673EQ36BGK-625IS Datasheet HTML 2Page - GSI Technology GS8673EQ36BGK-625IS Datasheet HTML 3Page - GSI Technology GS8673EQ36BGK-625IS Datasheet HTML 4Page - GSI Technology GS8673EQ36BGK-625IS Datasheet HTML 5Page - GSI Technology GS8673EQ36BGK-625IS Datasheet HTML 6Page - GSI Technology GS8673EQ36BGK-625IS Datasheet HTML 7Page - GSI Technology GS8673EQ36BGK-625IS Datasheet HTML 8Page - GSI Technology GS8673EQ36BGK-625IS Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
GS8673EQ18/36BK-725S/625S/550S
72Mb SigmaQuad-IIIe™
Burst of 2 ECCRAM™
Up to 725 MHz
1.35V VDD
1.2V or 1.35V or 1.5V VDDQ
Rev: 1.03 6/2014
1/25
© 2012, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
260 Pin BGA
Commercial Temp
Industrial Temp
Features
• For use with GSI SRAM Port IP
• 2Mb x 36 and 4Mb x 18 organizations available
• 725 MHz maximum operating frequency
• 1.45 BT/s peak transaction rate (in billions per second)
• 104 Gb/s peak data bandwidth (in x36 devices)
• Separate I/O DDR Data Buses
• Non-multiplexed DDR Address Bus
• Two operations - Read and Write - per clock cycle
• Burst of 2 Read and Write operations
• 3 cycle Read Latency
• On-chip ECC with virtually zero SER
• 1.35V core voltage
• 1.2V or 1.35V or 1.5V I/O interface (HSTL or SSTL)
• Configurable ODT (on-die termination)
• ZQ pin for programmable driver impedance
• ZT pin for programmable ODT impedance
• IEEE 1149.1 JTAG-compliant Boundary Scan
• 260 pin, 14 mm x 22 mm, 1 mm ball pitch BGA package
–K: 5/6 RoHS-compliant package
–GK: 6/6 RoHS-compliant package
SigmaQuad-IIIe™ Family Overview
SigmaQuad-IIIe ECCRAMs are the Separate I/O half of the
SigmaQuad-IIIe/SigmaDDR-IIIe family of high performance
ECCRAMs. Although very similar to GSI's second generation
of networking SRAMs (the SigmaQuad-II/SigmaDDR-II
family), these third generation devices offer several new
features that help enable significantly higher performance.
Clocking and Addressing Schemes
The GS8673EQ18/36BK SigmaQuad-IIIe ECCRAMs are
synchronous devices. They employ three pairs of positive and
negative input clocks; one pair of master clocks, CK and CK,
and two pairs of write data clocks, KD[1:0] and KD[1:0]. All
six input clocks are single-ended; that is, each is received by a
dedicated input buffer.
CK and CK are used to latch address and control inputs, and to
control all output timing. KD[1:0] and KD[1:0] are used solely
to latch data inputs.
Each internal read and write operation in a SigmaQuad-IIIe B2
ECCRAM is two times wider than the device I/O bus. An input
data bus de-multiplexer is used to accumulate incoming data
before it is simultaneously written to the memory array. An
output data multiplexer is used to capture the data produced
from a single memory array read and then route it to the
appropriate output drivers as needed. Therefore, the address
field of a SigmaQuad-IIIe B2 ECCRAM is always one address
pin less than the advertised index depth (e.g. the 4M x 18 has
2M addressable index).
On-Chip ECC
GSI's ECCRAMs implement an ECC algorithm that detects
and corrects all single-bit memory errors, including those
induced by SER events such as cosmic rays, alpha particles,
etc. The resulting Soft Error Rate of these devices is
anticipated to be <0.002 FITs/Mb — a 5-order-of-magnitude
improvement over comparable SRAMs with no on-chip ECC,
which typically have an SER of 200 FITs/Mb or more.
All quoted SER values are at sea level in New York City.
Parameter Synopsis
Speed Grade
Max Operating Frequency
Read Latency
VDD
-725S
725 MHz
3 cycles
1.3V to 1.4V
-625S
625 MHz
3 cycles
1.3V to 1.4V
-550S
550 MHz
3 cycles
1.3V to 1.4V


Similar Part No. - GS8673EQ36BGK-625IS

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673EQ36BGK-625 GSI-GS8673EQ36BGK-625 Datasheet
451Kb / 31P
   On-Chip ECC with virtually zero SER
GS8673EQ36BGK-625S GSI-GS8673EQ36BGK-625S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
More results

Similar Description - GS8673EQ36BGK-625IS

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673EQ36BGK-625S GSI-GS8673EQ36BGK-625S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ36BK-725S GSI-GS8673EQ36BK-725S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673ED18BGK-725IS GSI-GS8673ED18BGK-725IS Datasheet
359Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BK-625IS GSI-GS8673EQ18BK-625IS Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BK-550S GSI-GS8673EQ18BK-550S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BK-725IS GSI-GS8673EQ18BK-725IS Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673ED18BGK-550S GSI-GS8673ED18BGK-550S Datasheet
359Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BGK-550IS GSI-GS8673EQ18BGK-550IS Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BK-725S GSI-GS8673EQ18BK-725S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ36BGK-725IS GSI-GS8673EQ36BGK-725IS Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ36BGK-550S GSI-GS8673EQ36BGK-550S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com