Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8249AAR-M6T1U Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-8249AAR-M6T1U
Description  VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8249AAR-M6T1U Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-8249AAR-M6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8249AAR-M6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8249AAR-M6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8249AAR-M6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8249AAR-M6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8249AAR-M6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8249AAR-M6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-8249AAR-M6T1U Datasheet HTML 13Page - Seiko Instruments Inc S-8249AAR-M6T1U Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-8249 Series
Rev.1.4_00
10
Standard Circuit
VDD
CB
VSS
CO
CE
_____
S-8249
Series
RVDD
CVDD
RCB
DP
Figure 4
Table 9 Constants for External Components
Symbol
Part
Purpose
Min.
Typ.
Max.
Remark
RVDD
Resistor
ESD
protection,
for power
fluctuation
control
150
Ω
330
Ω 1.0 kΩ
Resistance should be as small as possible to
avoid worsening the overcharge detection
accuracy due to current consumption.
*1
CVDD
Capacitor
For power
fluctuation
control
0.068
μF0.1 μF1.0 μF
Connect a capacitor of 0.068
μF or more
between VDD pin and VSS pin.
*1
RCB
Resistor
For setting
the cell
balancing
current value
Set the required cell balancing current value
depending on "2. Cell balancing status" in
" Operation".
*2
*1. When connecting a resistor less than 150
Ω to RVDD or a capacitor less than 0.068 μF to CVDD, the S-8249 Series
may malfunction when power is largely fluctuated.
*2. Set the cell balancing current value so that RCB does not exceed the power dissipation.
Cautions 1. The above constants may be changed without notice.
2. The example of connection shown above and the constant do not guarantee proper operation.
Perform thorough evaluation using the actual application to set the constant.


Similar Part No. - S-8249AAR-M6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8249AAR-M6T1U ABLIC-S-8249AAR-M6T1U Datasheet
1,006Kb / 23P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.4_01
More results

Similar Description - S-8249AAR-M6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8249AAP-M6T1U SII-S-8249AAP-M6T1U Datasheet
1Mb / 22P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-19190AOH-M6T1U SII-S-19190AOH-M6T1U Datasheet
2Mb / 24P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
logo
ABLIC Inc.
S-8249 ABLIC-S-8249 Datasheet
1,006Kb / 23P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.4_01
logo
Seiko Instruments Inc
S19190 SII-S19190 Datasheet
2Mb / 25P
   FOR AUTOMOTIVE OPERATION VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
logo
Aeroflex Circuit Techno...
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8637-08 AEROFLEX-BEU8637-08 Datasheet
248Kb / 9P
   Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8637-12 AEROFLEX-BEU8637-12 Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
logo
STMicroelectronics
L9963E STMICROELECTRONICS-L9963E Datasheet
9Mb / 184P
   Automotive Multicell battery monitoring and balancing IC
Rev 4 - June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com