Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8249AAL-M6T1U Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8249AAL-M6T1U
Description  VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8249AAL-M6T1U Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8249AAL-M6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-8249AAL-M6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-8249AAL-M6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-8249AAL-M6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8249AAL-M6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8249AAL-M6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8249AAL-M6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8249AAL-M6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8249AAL-M6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-8249 Series
Rev.1.4_00
4
Table 2 (2 / 2)
Product Name
Cell Balancing
Detection
Voltage
[VBU]
Cell Balancing
Release
Voltage
[VBL]
Overcharge
Detection
Voltage
[VCU]
Overcharge
Release
Voltage
[VCL]
CO Pin
Output Form
CO Pin
Output Logic
Combination of
Delay Time
S-8249ABA-M6T1U
3.650 V
3.550 V
3.800 V
3.500 V
CMOS output
Active "L"
(3)
S-8249ABB-M6T1U
4.350 V
4.350 V
4.425 V
4.325 V
CMOS output
Active "L"
(3)
S-8249ABC-M6T1U
4.200 V
4.200 V
4.300 V
4.200 V
CMOS output
Active "L"
(4)
Remark1. Contact our sales office for the products with detection voltage values other than those specified above.
2. Set VCU > VBU.
3. Refer to Table 3 for details about combinations of delay times.
Table 3
Combination of
Delay Time
Cell Balancing
Detection Delay Time
[tBU]
Cell Balancing
Release Delay Time
[tBL]
Overcharge Detection
Delay Time
[tCU]
Overcharge Release
Delay Time
[tCL]
(1)
128 ms
1.0 ms
128 ms
1.0 ms
(2)
128 ms
1.0 ms
1024 ms
1.0 ms
(3)
64 ms
2.0 ms
256 ms
2.0 ms
(4)
64 ms
2.0 ms
256 ms
1.0 ms
Remark
The delay times can be changed within the ranges listed above. For details, please contact our sales
office.
Table 4
Delay Time
Symbol
Selection Range
Remark
Cell balancing detection
delay time
*1
tBU
64 ms
128 ms
*2
256 ms
512 ms
1024 ms
Select a value
from the left.
Cell balancing release
delay time
tBL
0.5 ms
1.0 ms
*2
2.0 ms
Select a value
from the left.
Overcharge detection
delay time
*1
tCU
64 ms
128 ms
*2
256 ms
512 ms
1024 ms
Select a value
from the left.
Overcharge release
delay time
tCL
0.5 ms
1.0 ms
*2
2.0 ms
Select a value
from the left.
*1. Set tCU
≥ tBU.
*2. The value is the delay time of the standard products.


Similar Part No. - S-8249AAL-M6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8249AAL-M6T1U ABLIC-S-8249AAL-M6T1U Datasheet
1,006Kb / 23P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.4_01
More results

Similar Description - S-8249AAL-M6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8249AAP-M6T1U SII-S-8249AAP-M6T1U Datasheet
1Mb / 22P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-19190AOH-M6T1U SII-S-19190AOH-M6T1U Datasheet
2Mb / 24P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
logo
ABLIC Inc.
S-8249 ABLIC-S-8249 Datasheet
1,006Kb / 23P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.4_01
logo
Seiko Instruments Inc
S19190 SII-S19190 Datasheet
2Mb / 25P
   FOR AUTOMOTIVE OPERATION VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
logo
Aeroflex Circuit Techno...
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8637-08 AEROFLEX-BEU8637-08 Datasheet
248Kb / 9P
   Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8637-12 AEROFLEX-BEU8637-12 Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
logo
STMicroelectronics
L9963E STMICROELECTRONICS-L9963E Datasheet
9Mb / 184P
   Automotive Multicell battery monitoring and balancing IC
Rev 4 - June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com