Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8249AAG-M6T1U Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-8249AAG-M6T1U
Description  VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8249AAG-M6T1U Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-8249AAG-M6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-8249AAG-M6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-8249AAG-M6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-8249AAG-M6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8249AAG-M6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8249AAG-M6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8249AAG-M6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8249AAG-M6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8249AAG-M6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.4_00
S-8249 Series
3
Product Name Structure
1. Product name
S-8249A xx - M6T1 U
Serial code
Sequentially set from AA to ZZ
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Package abbreviation and IC packing specifications
*1
M6T1:SOT-23-6, Tape
*1. Refer to the tape drawing.
2. Package
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
SOT-23-6
MP006-A-P-SD
MP006-A-C-SD
MP006-A-R-SD
3. Product name list
Table 2 (2 / 1)
Product Name
Cell Balancing
Detection
Voltage
[VBU]
Cell Balancing
Release
Voltage
[VBL]
Overcharge
Detection
Voltage
[VCU]
Overcharge
Release
Voltage
[VCL]
CO Pin
Output Form
CO Pin
Output Logic
Combination of
Delay Time
S-8249AAA-M6T1U
2.600 V
2.600 V
2.750 V
2.750 V
CMOS output
Active "H"
(1)
S-8249AAB-M6T1U
3.000 V
3.000 V
3.150 V
3.150 V
CMOS output
Active "H"
(1)
S-8249AAC-M6T1U
3.000 V
3.000 V
3.200 V
3.200 V
CMOS output
Active "H"
(1)
S-8249AAD-M6T1U
3.100 V
3.100 V
3.250 V
3.250 V
CMOS output
Active "H"
(1)
S-8249AAE-M6T1U
3.100 V
3.100 V
3.300 V
3.300 V
CMOS output
Active "H"
(1)
S-8249AAF-M6T1U
2.600 V
2.600 V
2.800 V
2.800 V
CMOS output
Active "H"
(1)
S-8249AAG-M6T1U
2.400 V
2.400 V
2.900 V
2.900 V
CMOS output
Active "H"
(1)
S-8249AAH-M6T1U
2.400 V
2.400 V
3.000 V
3.000 V
CMOS output
Active "H"
(1)
S-8249AAI-M6T1U
2.100 V
2.100 V
3.000 V
3.000 V
CMOS output
Active "H"
(1)
S-8249AAK-M6T1U
2.400 V
2.400 V
3.200 V
3.200 V
CMOS output
Active "H"
(1)
S-8249AAL-M6T1U
2.100 V
2.000 V
3.200 V
3.200 V
CMOS output
Active "H"
(1)
S-8249AAM-M6T1U
2.620 V
2.520 V
2.800 V
2.700 V
CMOS output
Active "H"
(1)
S-8249AAN-M6T1U
3.300 V
3.300 V
4.080 V
3.930 V
CMOS output
Active "H"
(1)
S-8249AAO-M6T1U
2.000 V
2.000 V
3.000 V
3.000 V
CMOS output
Active "H"
(1)
S-8249AAP-M6T1U
3.700 V
3.700 V
4.500 V
4.500 V
CMOS output
Active "H"
(1)
S-8249AAQ-M6T1U
3.800 V
3.800 V
4.080 V
3.930 V
CMOS output
Active "H"
(1)
S-8249AAR-M6T1U
2.800 V
2.800 V
3.150 V
3.150 V
CMOS output
Active "H"
(1)
S-8249AAS-M6T1U
2.800 V
2.800 V
3.200 V
3.200 V
CMOS output
Active "H"
(1)
S-8249AAT-M6T1U
2.800 V
2.800 V
3.100 V
3.100 V
CMOS output
Active "H"
(1)
S-8249AAU-M6T1U
2.500 V
2.400 V
3.800 V
3.700 V
CMOS output
Active "H"
(1)
S-8249AAV-M6T1U
2.300 V
2.200 V
3.800 V
3.700 V
CMOS output
Active "H"
(1)
S-8249AAW-M6T1U
2.650 V
2.600 V
2.750 V
2.650 V
Nch open-drain output
Active "L"
(1)
S-8249AAY-M6T1U
4.150 V
4.150 V
4.275 V
4.275 V
CMOS output
Active "H"
(2)


Similar Part No. - S-8249AAG-M6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8249AAG-M6T1U ABLIC-S-8249AAG-M6T1U Datasheet
1,006Kb / 23P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.4_01
More results

Similar Description - S-8249AAG-M6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8249AAP-M6T1U SII-S-8249AAP-M6T1U Datasheet
1Mb / 22P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-19190AOH-M6T1U SII-S-19190AOH-M6T1U Datasheet
2Mb / 24P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
logo
ABLIC Inc.
S-8249 ABLIC-S-8249 Datasheet
1,006Kb / 23P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.4_01
logo
Seiko Instruments Inc
S19190 SII-S19190 Datasheet
2Mb / 25P
   FOR AUTOMOTIVE OPERATION VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
logo
Aeroflex Circuit Techno...
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8637-08 AEROFLEX-BEU8637-08 Datasheet
248Kb / 9P
   Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8637-12 AEROFLEX-BEU8637-12 Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
logo
STMicroelectronics
L9963E STMICROELECTRONICS-L9963E Datasheet
9Mb / 184P
   Automotive Multicell battery monitoring and balancing IC
Rev 4 - June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com