Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A1066DCKR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A1066DCKR
Description  10 OHM SPST ANALOG SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A1066DCKR Datasheet(HTML) 4 Page - Texas Instruments

  TS5A1066DCKR Datasheet HTML 1Page - Texas Instruments TS5A1066DCKR Datasheet HTML 2Page - Texas Instruments TS5A1066DCKR Datasheet HTML 3Page - Texas Instruments TS5A1066DCKR Datasheet HTML 4Page - Texas Instruments TS5A1066DCKR Datasheet HTML 5Page - Texas Instruments TS5A1066DCKR Datasheet HTML 6Page - Texas Instruments TS5A1066DCKR Datasheet HTML 7Page - Texas Instruments TS5A1066DCKR Datasheet HTML 8Page - Texas Instruments TS5A1066DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TS5A1066
10 W SPST ANALOG SWITCH
SCDS185A − JANUARY 2005 − REVISED JANUARY 2005
www.ti.com
4
Electrical Characteristics for 5-V Supply(1) (continued)
V+ = 4.5 V to 5.5 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
Turn-on time
tON
VCOM = 3 V,
CL = 35 pF,
25
°C
5 V
3.5
4.8
5.5
ns
Turn-on time
tON
VCOM = 3 V,
RL = 300 Ω,
CL = 35 pF,
See Figure 17
Full
4.5 V to 5.5 V
3.5
7.5
ns
Turn-off time
tOFF
VCOM = 3 V,
CL = 35 pF,
25
°C
5 V
2
3
4.5
ns
Turn-off time
tOFF
VCOM = 3 V,
RL = 300 Ω,
CL = 35 pF,
See Figure 17
Full
4.5 V to 5.5 V
2
5.5
ns
Charge injection
QC
VGEN = 0,
CL = 0.1 nF,
See Figure 20
25
°C
5 V
1
pC
NO
OFF capacitance
CNO(OFF)
VNO = V+ or GND,
Switch OFF,
See Figure 16
25
°C
5 V
6.8
pF
COM
OFF capacitance
CCOM(OFF)
VCOM = V+ or GND,
Switch OFF,
See Figure 16
25
°C
5 V
6.8
pF
NO
ON capacitance
CNO(ON)
VNO = V+ or GND,
Switch ON,
See Figure 16
25
°C
5 V
14
pF
COM
ON capacitance
CCOM(ON)
VCOM = V+ or GND,
Switch ON,
See Figure 16
25
°C
5 V
14
pF
Digital input
capacitance
CI
VI = V+ or GND,
See Figure 16
25
°C
5 V
2.2
pF
Bandwidth
BW
RL = 50 Ω,
Switch ON,
See Figure 18
25
°C
5 V
400
MHz
Off isolation
OISO
RL = 50 Ω,
f = 10 MHz,
Switch OFF,
See Figure 19
25
°C
5 V
−68
dB
Total harmonic
distortion
THD
RL = 600 Ω,
CL = 50 pF,
f = 20 Hz to 20 kHz,
See Figure 21
25
°C
5 V
0.14
%
Supply
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
25
°C
5.5 V
0.05
1
A
Positive supply
current
I+
VI = V+ or GND,
Switch ON or OFF
Full
5.5 V
5
µA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum


Similar Part No. - TS5A1066DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A1066DCKR TI-TS5A1066DCKR Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A1066DCKRE4 TI-TS5A1066DCKRE4 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A1066DCKRG4 TI-TS5A1066DCKRG4 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
More results

Similar Description - TS5A1066DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4596 TI-MAX4596 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
MAX4596DCKRG4 TI1-MAX4596DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
MAX4594DCKRG4 TI1-MAX4594DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_10 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
logo
Pericom Semiconductor C...
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
logo
Texas Instruments
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com