Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS82583ED18GK-675 Datasheet(PDF) 3 Page - GSI Technology

Part # GS82583ED18GK-675
Description  8Mb x 36 and 16Mb x 18 organizations available
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82583ED18GK-675 Datasheet(HTML) 3 Page - GSI Technology

  GS82583ED18GK-675 Datasheet HTML 1Page - GSI Technology GS82583ED18GK-675 Datasheet HTML 2Page - GSI Technology GS82583ED18GK-675 Datasheet HTML 3Page - GSI Technology GS82583ED18GK-675 Datasheet HTML 4Page - GSI Technology GS82583ED18GK-675 Datasheet HTML 5Page - GSI Technology GS82583ED18GK-675 Datasheet HTML 6Page - GSI Technology GS82583ED18GK-675 Datasheet HTML 7Page - GSI Technology GS82583ED18GK-675 Datasheet HTML 8Page - GSI Technology GS82583ED18GK-675 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
GS82583ED18/36GK-675/625/550/500
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.06 8/2017
3/26
© 2014, GSI Technology
8M x 36 Pinout (Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
A
VDD
VDDQ
VDD
VDDQ
NC
(RSVD)
MCL
(CFG)
MCL
ZQ
PZT1
VDDQ
VDD
VDDQ
VDD
B
VSS
Q35
VSS
D35
MVQ
MCH
(B4M)
NC
(RSVD)
MCH
(SIOM)
PZT0
D0
VSS
Q0
VSS
C
Q26
VDDQ
D26
VDDQ
VSS
SA
VDD
SA
VSS
VDDQ
D9
VDDQ
Q9
D
VSS
Q34
VSS
D34
SA
VDDQ
SA
VDDQ
SA
D1
VSS
Q1
VSS
E
Q25
VDDQ
D25
VDD
VSS
SA
VSS
SA
VSS
VDD
D10
VDDQ
Q10
F
VSS
Q33
VSS
D33
SA
VDD
VDDQ
VDD
SA
D2
VSS
Q2
VSS
G
Q24
Q32
D24
D32
VSS
SA
MZT1
SA
VSS
D3
D11
Q3
Q11
H
Q23
VDDQ
D23
VDDQ
SA
VDDQ
W
VDDQ
SA
VDDQ
D12
VDDQ
Q12
J
VSS
Q31
VSS
D31
VSS
SA
VSS
SA
VSS
D4
VSS
Q4
VSS
K
CQ1
VDDQ
VREF
VDD
KD1
VDD
CK
VDD
KD0
VDD
VREF
VDDQ
CQ0
L
CQ1
VSS
QVLD1
VSS
KD1
VDDQ
CK
VDDQ
KD0
VSS
QVLD0
VSS
CQ0
M
VSS
Q22
VSS
D22
VSS
SA
VSS
SA
VSS
D13
VSS
Q13
VSS
N
Q30
VDDQ
D30
VDDQ
DLL
VDDQ
R
VDDQ
MCH
VDDQ
D5
VDDQ
Q5
P
Q29
Q21
D29
D21
VSS
SA
MZT0
SA
VSS
D14
D6
Q14
Q6
R
VSS
Q20
VSS
D20
MCH
VDD
VDDQ
VDD
RST
D15
VSS
Q15
VSS
T
Q28
VDDQ
D28
VDD
VSS
SA
VSS
SA
VSS
VDD
D7
VDDQ
Q7
U
VSS
Q19
VSS
D19
NC
(576 Mb)
VDDQ
NC
(RSVD)
VDDQ
NC
(1152 Mb)
D16
VSS
Q16
VSS
V
Q27
VDDQ
D27
VDDQ
VSS
NUI
(x18)
VDD
NUI
(B2)
VSS
VDDQ
D8
VDDQ
Q8
W
VSS
Q18
VSS
D18
TCK
MCL
NC
(RSVD)
MCL
TMS
D17
VSS
Q17
VSS
Y
VDD
VDDQ
VDD
VDDQ
TDO
ZT
NC
(RSVD)
MCL
TDI
VDDQ
VDD
VDDQ
VDD
Notes:
1. Pins 6W, 7A, 8W, and 8Y must be tied Low in this device.
2. Pins 5R and 9N must be tied High in this device.
3. Pin 6A is defined as mode pin CFG in the pinout standard. It must be tied Low in this device to select x36 configuration.
4. Pin 8B is defined as mode pin SIOM in the pinout standard. It must be tied High in this device to select Separate I/O configuration.
5. Pin 6B is defined as mode pin B4M in the pinout standard. It must be tied High in this device to select Burst-of-4 configuration.
6. Pin 6V is defined as address pin SA for x18 devices. It is unused in this device, and must be left unconnected or driven Low.
7. Pin 8V is defined as address pin SA for B2 devices. It is unused in this device, and must be left unconnected or driven Low.
8. Pin 5U is reserved as address pin SA for 576 Mb devices. It is a true no connect in this device.
9. Pin 9U is reserved as address pin SA for 1152 Mb devices. It is a true no connect in this device.


Similar Part No. - GS82583ED18GK-675

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82583ED18GK-675I GSI-GS82583ED18GK-675I Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results

Similar Description - GS82583ED18GK-675

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82583ED18GK-500 GSI-GS82583ED18GK-500 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-550I GSI-GS82583ED18GK-550I Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400 GSI-GS82583EQ18GK-400 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-500I GSI-GS82583EQ18GK-500I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ36GK-500 GSI-GS82583EQ36GK-500 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400I GSI-GS82583EQ18GK-400I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-550 GSI-GS82583ED18GK-550 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-625 GSI-GS82583ED18GK-625 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-675I GSI-GS82583ED18GK-675I Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-450 GSI-GS82583EQ18GK-450 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com