Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS81313LD36GK-833I Datasheet(PDF) 9 Page - GSI Technology

Part # GS81313LD36GK-833I
Description  4Mb x 36 and 8Mb x 18 organizations available
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81313LD36GK-833I Datasheet(HTML) 9 Page - GSI Technology

Back Button GS81313LD36GK-833I Datasheet HTML 5Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 6Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 7Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 8Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 9Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 10Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 11Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 12Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
GS81313LD18/36GK-833/714/625
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.13 7/2016
9/26
© 2014, GSI Technology
Input Timing
These devices utilize three pairs of positive and negative input clocks, CK & CK and KD[1:0] & KD[1:0], to latch the various
synchronous inputs. Specifically:
CK latches all address (SA) inputs.
CK latches all control (R, W) inputs.
KD[1:0] and KD[1:0] latch particular write data (D) inputs, as follows:
KD0 and KD0 latch D[17:0] in x36, and D[8:0] in x18.
KD1 and KD1 latch D[35:18] in x36, and D[17:9] in x18.
Output Timing
These devices provide two pairs of positive and negative output clocks (aka “echo clocks”), CQ[1:0] & CQ[1:0], whose timing is
tightly aligned with read data in order to enable reliable source-synchronous data transmission.
These devices utilize a PLL to control output timing. When the PLL is enabled, it generates 0
 and 180 phase clocks from CK
that control read data output clock (CQ, CQ), read data (Q), and read data valid (QVLD) output timing, as follows:
CK+0 generates CQ[1:0], CQ[1:0], Q1 active, and Q2 inactive.
• .
CK+180 generates CQ[1:0], CQ[1:0], Q1 inactive, Q2 active, and QVLD active/inactive.
Note: Q1 and Q2 indicate the first and second pieces of read data transferred in any given clock cycle during Read operations.
When the PLL is enabled,
CQ is aligned to an internally-delayed version of CK. See the AC Timing Specifications for more
information.
CQ[1:0] and CQ[1:0] align with particular Q and QVLD outputs, as follows:
CQ0 and CQ0 align with Q[17:0], QVLD0 in x36 devices, and Q[8:0], QVLD0 in x18 devices.
CQ1 and CQ1 align with Q[35:18], QVLD1 in x36 devices, and Q[17:9], QVLD0 in x18 devices.


Similar Part No. - GS81313LD36GK-833I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81313LD36GK-625 GSI-GS81313LD36GK-625 Datasheet
369Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625I GSI-GS81313LD36GK-625I Datasheet
357Kb / 25P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-714I GSI-GS81313LD36GK-714I Datasheet
357Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
More results

Similar Description - GS81313LD36GK-833I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81313LQ18GK-600 GSI-GS81313LQ18GK-600 Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-714I GSI-GS81313LD36GK-714I Datasheet
357Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LQ18GK-800I GSI-GS81313LQ18GK-800I Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625 GSI-GS81313LD36GK-625 Datasheet
369Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625I GSI-GS81313LD36GK-625I Datasheet
357Kb / 25P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LQ18GK-714 GSI-GS81313LQ18GK-714 Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS82583ED18GK-500 GSI-GS82583ED18GK-500 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-500I GSI-GS82583EQ18GK-500I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ36GK-500 GSI-GS82583EQ36GK-500 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400I GSI-GS82583EQ18GK-400I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com