Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1215823 Datasheet(PDF) 2 Page - SICK AG

Part # 1215823
Description  SAFETY LIGHT CURTAINS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1215823 Datasheet(HTML) 2 Page - SICK AG

  1215823 Datasheet HTML 1Page - SICK AG 1215823 Datasheet HTML 2Page - SICK AG 1215823 Datasheet HTML 3Page - SICK AG 1215823 Datasheet HTML 4Page - SICK AG 1215823 Datasheet HTML 5Page - SICK AG 1215823 Datasheet HTML 6Page - SICK AG 1215823 Datasheet HTML 7Page - SICK AG 1215823 Datasheet HTML 8Page - SICK AG 1215823 Datasheet HTML 9Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
C4P-SA16530A001200, C4P-EA16530A001200 | deTec4 Prime
SAFETY LIGHT CURTAINS
Ordering information
System part
Type
Part no.
Sender
C4P-SA16530A001200
1215823
Receiver
C4P-EA16530A001200
1215824
Other models and accessories
www.sick.com/deTec4_Prime
Detailed technical data
Features
System part
Sender/receiver pair with system plug and QuickFix bracket
Usage
As a standalone system
Resolution
30 mm
Protective field height
1,650 mm
Scanning range
Minimum 0.15 m ... 24 m
Typical 0.15 m ... 30 m
Response time
13 ms 1)
No blind zones
Synchronization
Optical synchronisation
1) , without beam coding, no cascaded systems. Other response times see operating instructions.
Safety-related parameters
Type
Type 4 (IEC 61496)
Safety integrity level
SIL3 (IEC 61508)
SILCL3 (EN 62061)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
Single device 9.6 x 10-9 (EN ISO 13849)
Cascade with one guest 1.9 x 10-8 (EN ISO 13849)
Cascade with two guest devices 2.9 x 10-8 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Safe state in the event of a fault
At least one OSSD is in the OFF state.
2
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-08-21 16:38:06
Subject to change without notice


Similar Part No. - 1215823

ManufacturerPart #DatasheetDescription
logo
SICK AG
1215820 SICK-1215820 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1215821 SICK-1215821 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1215822 SICK-1215822 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1215825 SICK-1215825 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1215826 SICK-1215826 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
More results

Similar Description - 1215823

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com