Electronic Components Datasheet Search |
|
1215719 Datasheet(PDF) 4 Page - SICK AG |
|
1215719 Datasheet(HTML) 4 Page - SICK AG |
4 / 10 page A B C D E F H I J K L M N O P Q R S T C4P-SA16510A001200, C4P-EA16510A001200 | deTec4 Prime SAFETY LIGHT CURTAINS Switching current ≤ 500 mA 1) SELV/PELV safety/protective extra-low voltage. 2) Within the limits of VS. 3) Applies to the voltage range between –30 V and +30 V. Mechanical data Housing cross-section (incl. system connec- tion) 34 mm x 41.1 mm Housing material Aluminum extruded profile Front screen material Polycarbonate, scratch-resistant coating Ambient data Enclosure rating IP65 (EN 60529) IP67 (EN 60529) Ambient operating temperature –30 °C ... +55 °C Storage temperature –30 °C ... +70 °C Air humidity 15 % ... 95 %, Non-condensing Vibration resistance 5 g, 10 Hz ... 55 Hz (EN 60068-2-6) Shock resistance 10 g, 16 ms (EN 60068-2-29) Other information Wave length 850 nm Integrated laser alignment aid ✔ Light source Laser diode Laser class 1 (IEC 60825-1) Type of light Visible red light Wave length 650 nm Classifications ECl@ss 5.0 27272704 ECl@ss 5.1.4 27272704 ECl@ss 6.0 27272704 ECl@ss 6.2 27272704 ECl@ss 7.0 27272704 ECl@ss 8.0 27272704 ECl@ss 8.1 27272704 ECl@ss 9.0 27272704 ETIM 5.0 EC002549 ETIM 6.0 EC002549 UNSPSC 16.0901 46171620 4 OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK Online data sheet | 2017-08-21 16:38:06 Subject to change without notice |
Similar Part No. - 1215719 |
|
Similar Description - 1215719 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |