Electronic Components Datasheet Search |
|
1215743 Datasheet(PDF) 3 Page - SICK AG |
|
1215743 Datasheet(HTML) 3 Page - SICK AG |
3 / 10 page C4P-SA15010A001300, C4P-EA15010A001300 | deTec4 Prime SAFETY LIGHT CURTAINS Functions Functions Delivery status Restart interlock ✔ Deactivated External device monitoring (EDM) ✔ Deactivated Beam coding ✔ Uncoded Automatic calibration of the protective field width ✔ Interfaces System connection Connection type Male connector M12, 8-pin Sender/receiver communication (COM1) ✔ 1) Reset pushbutton input (RES) ✔ 2) External device monitoring input (EDM) ✔ 2) Application diagnostic output (ADO) ✔ 2) Permitted cable length Receiver power supply: 15 m 3) All additional conductors at the system connection: 37.5 m Extension connection Connection type Female connector M12, 5-pin Reset pushbutton input (RES) ✔ 4) External device monitoring input (EDM) ✔ 4) Application diagnostic output (ADO) ✔ 4) Permitted cable length ≤ 10 m Configuration method Cascade Automatic detection when starting the device External device monitoring (EDM) Automatic detection when starting the device Calibration of the protective field width Automatic detection when starting the device Restart interlock Teach-in procedure when starting the device Beam coding DIP switch Reset to factory default DIP switch Status display LEDs Fieldbus, industrial network Integration via Flexi Soft safety controller CANopen, DeviceNet™, EtherCAT®, EtherNet/IP™, Modbus TCP, PROFIBUS DP, PROFINET 5) 1) Optional: To indicate the status on both sides, the COM1 connections from the sender and receiver must be connected to each other in the control cabinet. 2) Only on the receiver. 3) If no inductive OSSD loads (e.g., contactors) are in use, the power supply cable for the receiver of a single device (no cascade) can be up to 30 m in length. 4) Single device or last guest (receiver only). 5) For additional information on Flexi Soft -> www.sick.com/Flexi_Soft. Electrical data Protection class III (EN 50178) 1) 1) SELV/PELV safety/protective extra-low voltage. 2) Within the limits of VS. 3) Applies to the voltage range between –30 V and +30 V. 2017-08-21 16:38:06 | Online data sheet Subject to change without notice OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK 3 |
Similar Part No. - 1215743 |
|
Similar Description - 1215743 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |