Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR22414DS Datasheet(PDF) 7 Page - Exar Corporation

Part # XR22414DS
Description  USB 2.0 4-Port MTT Hub
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR22414DS Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR22414DS Datasheet HTML 3Page - Exar Corporation XR22414DS Datasheet HTML 4Page - Exar Corporation XR22414DS Datasheet HTML 5Page - Exar Corporation XR22414DS Datasheet HTML 6Page - Exar Corporation XR22414DS Datasheet HTML 7Page - Exar Corporation XR22414DS Datasheet HTML 8Page - Exar Corporation XR22414DS Datasheet HTML 9Page - Exar Corporation XR22414DS Datasheet HTML 10Page - Exar Corporation XR22414DS Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
XR
22414
7/13
REV1A
Functional Block Diagram
XR22414
USB Host
Downstream
Phy #1
Device #1
Device #2
Device #3
Device #4
Downstream
Phy #2
Downstream
Phy #3
Downstream
Phy #4
TT #1
Port Routing Switch
Downstream Port Controller
Upstream Phy
Upstream Port Controller
Hub
Controller
Overcurrent
Detection
Power
Control
3.3V to 1.8V
Regulator
Hub
Activity
Indicator
LED
Controller
Oscillator
PLL (x40)
Port
Indicators
12
MHz
480
MHz
5V to 3.3V
Regulator
TT #2
TT #3
TT #4


Similar Part No. - XR22414DS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR22417 EXAR-XR22417 Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
XR22417CV48-F EXAR-XR22417CV48-F Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
XR22417CV48EVB EXAR-XR22417CV48EVB Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
XR22417CV48TR-F EXAR-XR22417CV48TR-F Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
XR22417CV64-F EXAR-XR22417CV64-F Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
More results

Similar Description - XR22414DS

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL852 GENESYS-GL852 Datasheet
498Kb / 31P
   USB 2.0 MTT HUB Controller
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
   USB 2.0 4-Port Hub
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
   USB 2.0 4-PORT HUB Controller
logo
SMSC Corporation
USB20H04 SMSC-USB20H04 Datasheet
762Kb / 35P
   4-PORT USB 2.0 HUB CONTROLLER
logo
GENESYS LOGIC
GL3520 GENESYS-GL3520 Datasheet
275Kb / 1P
   USB 3.0 MTT Hub Controller
logo
Microchip Technology
USB2504 MICROCHIP-USB2504 Datasheet
446Kb / 42P
   Integrated USB 2.0 Compatible 4-Port Hub
06/23/16
logo
SMSC Corporation
USB2504 SMSC-USB2504_07 Datasheet
596Kb / 46P
   Integrated USB 2.0 Compatible 4-Port Hub
logo
Tripp Lite. All Rights ...
U225004R TRIPPLITE-U225004R Datasheet
512Kb / 2P
   4-Port USB 2.0 Hi-Speed Hub
logo
SMSC Corporation
USB2504 SMSC-USB2504_06 Datasheet
781Kb / 46P
   Integrated USB 2.0 Compatible 4-Port Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com