Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR22414DS Datasheet(PDF) 6 Page - Exar Corporation

Part # XR22414DS
Description  USB 2.0 4-Port MTT Hub
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR22414DS Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR22414DS Datasheet HTML 2Page - Exar Corporation XR22414DS Datasheet HTML 3Page - Exar Corporation XR22414DS Datasheet HTML 4Page - Exar Corporation XR22414DS Datasheet HTML 5Page - Exar Corporation XR22414DS Datasheet HTML 6Page - Exar Corporation XR22414DS Datasheet HTML 7Page - Exar Corporation XR22414DS Datasheet HTML 8Page - Exar Corporation XR22414DS Datasheet HTML 9Page - Exar Corporation XR22414DS Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
XR
22414
6/13
REV1A
Pin Number
Pin Name
Type Description
32
VCC33
PWR
3.3V power input
33
GND
PWR
Ground
34
EXT_RST#
I
External reset input, active low. Must be asserted for a minimum of 10uS
35
VBUS_SENSE
I
Connect to VBUS from USB host. In self-powered mode, indicates presence of host VBUS power
36
BUS_PWR#
I
Bus power indicator, active low. For bus powered mode, connect to ground. For self powered mode,
connect to logic ‘1’.
37
REG_EN#
I
Active low enable of internal 5V to 3.3V regulator. Connect to logic ‘1’ when XR22414 is powered by
3.3V.
38
VCC5
PWR
5V power to internal 5V to 3.3V regulator. When XR22414 is powered by 3.3V, VCC5 should not be
connected to 5V, and REG_EN# should be tied to logic ‘1’.
39
3V3_OUT
PWR
3.3V power output from internal 5V to 3.3V regulator, may be used to power VCC33 power inputs if
enabled by REG_EN# pin. Must be decoupled with minimum of 10 uF. Leave unconnected if XR22414
is powered by external 3.3V.
40
TEST
I
Test mode enable. Tie to ground for normal device operation
41
VCC33
PWR
3.3V power input
42
LED_CTL
I/O
LED hub active indicator. May also be used in conjunction with port status LEDs. Refer to Figure 4.
43
LED1
I/O
Port 1 LED Indicator. Max source current 3mA. May be used in conjunction with DRV pin. Refer to
Figure 4. Connecting LED1 to ground marks downstream port 1 as non-removable device.
44
LED2
I/O
Port 2 LED Indicator. Max source current 3mA. May be used in conjunction with DRV pin. Refer to
Figure 4. Connecting LED2 to ground marks downstream port 2 as non-removable device.
45
LED3
I/O
Port 3 LED Indicator. Max source current 3mA. May be used in conjunction with DRV pin. Refer to
Figure 4. Connecting LED3 to ground marks downstream port 3 as non-removable device.
46
LED4
I/O
Port 4 LED Indicator. Max source current 3mA. May be used in conjunction with DRV pin. Refer to
Figure 4. Connecting LED4 to ground marks downstream port 4 as non-removable device.
47
PWR1#
O
Power enable for port 1 downstream device in individual power mode. Asserted if OVC1# input is
asserted in individual or global power mode or XR22414 is not configured. Used as global power control
pin if ganged power control mode is selected by connecting PWR4# to ground..
48
OVC1#
I
Downstream port 1 over current indicator in individual current-sensing mode, active low. If PWR4# is
tied to ground, this pin is a global over-current sense input.
49
CPad
PWR
Connect QFN package center pad to PCB ground plane with thermal vias.
NOTE:
Type: I = Input, O = Output, I/O = Input/Output, PWR = Power, OD = Open-Drain.


Similar Part No. - XR22414DS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR22417 EXAR-XR22417 Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
XR22417CV48-F EXAR-XR22417CV48-F Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
XR22417CV48EVB EXAR-XR22417CV48EVB Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
XR22417CV48TR-F EXAR-XR22417CV48TR-F Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
XR22417CV64-F EXAR-XR22417CV64-F Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
More results

Similar Description - XR22414DS

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL852 GENESYS-GL852 Datasheet
498Kb / 31P
   USB 2.0 MTT HUB Controller
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
   USB 2.0 4-Port Hub
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
   USB 2.0 4-PORT HUB Controller
logo
SMSC Corporation
USB20H04 SMSC-USB20H04 Datasheet
762Kb / 35P
   4-PORT USB 2.0 HUB CONTROLLER
logo
GENESYS LOGIC
GL3520 GENESYS-GL3520 Datasheet
275Kb / 1P
   USB 3.0 MTT Hub Controller
logo
Microchip Technology
USB2504 MICROCHIP-USB2504 Datasheet
446Kb / 42P
   Integrated USB 2.0 Compatible 4-Port Hub
06/23/16
logo
SMSC Corporation
USB2504 SMSC-USB2504_07 Datasheet
596Kb / 46P
   Integrated USB 2.0 Compatible 4-Port Hub
logo
Tripp Lite. All Rights ...
U225004R TRIPPLITE-U225004R Datasheet
512Kb / 2P
   4-Port USB 2.0 Hi-Speed Hub
logo
SMSC Corporation
USB2504 SMSC-USB2504_06 Datasheet
781Kb / 46P
   Integrated USB 2.0 Compatible 4-Port Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com