Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP20.241-R3 Datasheet(PDF) 6 Page - PULS GmbH

Part # CP20.241-R3
Description  24V, 20A, SINGLE PHASE INPUT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R3 Datasheet(HTML) 6 Page - PULS GmbH

Back Button CP20.241-R3 Datasheet HTML 2Page - PULS GmbH CP20.241-R3 Datasheet HTML 3Page - PULS GmbH CP20.241-R3 Datasheet HTML 4Page - PULS GmbH CP20.241-R3 Datasheet HTML 5Page - PULS GmbH CP20.241-R3 Datasheet HTML 6Page - PULS GmbH CP20.241-R3 Datasheet HTML 7Page - PULS GmbH CP20.241-R3 Datasheet HTML 8Page - PULS GmbH CP20.241-R3 Datasheet HTML 9Page - PULS GmbH CP20.241-R3 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6/30
P R E L I M I N A R Y
4. DC-INPUT
DC input
nom.
DC 110-150V
±20%
DC input range
min.
88-180Vdc
Continuous operation
DC input current
typ.
4.64A
At 110Vdc, at 20A
Allowed Voltage L/N to Earth
max.
375Vdc
Continuous, IEC 62477-1
Turn-on voltage
typ.
80Vdc
Steady state value
Shut-down voltage
typ.
70Vdc
Steady state value
Fig. 4-1 Wiring for DC Input
Instructions for DC use:
+
-
Load
L
PE
+
-
Power Supply
AC
Battery
N
DC
a) Use a battery or a similar DC source. A supply from the
intermediate DC-bus of a frequency converter is not
recommended and can cause a malfunction or damage
the unit.
b) Connect +pole to L and –pole to N.
c) Connect the PE terminal to an earth wire or to the
machine ground.
5. INPUT INRUSH CURRENT
An active inrush limitation circuit limits the input inrush current after turn-on of the input voltage.
The charging current into EMI suppression capacitors is disregarded in the first microseconds after switch-on.
AC 100V
AC 120V
AC 230V
Inrush current
max.
15Apeak
12Apeak
5.5Apeak
Temperature independent
typ.
12Apeak
10Apeak
4.5Apeak
Temperature independent
Inrush energy
max.
negligible small
Fig. 5-1 Typical input inrush current
behaviour at nominal load and 25°C ambient
Output
100mS/DIV
Input
230Vac
24Vdc
Input Current 5A / DIV


Similar Part No. - CP20.241-R3

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP20.241-R3 PULS-CP20.241-R3 Datasheet
840Kb / 33P
   24V, 20A, 480W, SINGLE PHASE
More results

Similar Description - CP20.241-R3

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
PIC480.241C PULS-PIC480.241C Datasheet
555Kb / 21P
   24V, 20A, SINGLE PHASE INPUT
QS20.244 PULS-QS20.244 Datasheet
754Kb / 25P
   24V, 20A, SINGLE PHASE INPUT
QS20.241 PULS-QS20.241 Datasheet
828Kb / 26P
   24V, 20A, SINGLE PHASE INPUT
CP20.241 PULS-CP20.241 Datasheet
967Kb / 27P
   24V, 20A, SINGLE PHASE INPUT
CP20.241 PULS-CP20.241_18 Datasheet
1Mb / 32P
   24V, 20A, 480W, SINGLE PHASE
CP20.241-R1 PULS-CP20.241-R1_18 Datasheet
840Kb / 33P
   24V, 20A, 480W, SINGLE PHASE
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
   24V, 3.4A, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
   24V, 10A, SINGLE PHASE INPUT
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
   24V, 10A, SINGLE PHASE INPUT
PIC240.241D PULS-PIC240.241D Datasheet
549Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com