Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH601-1X007 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SFH601-1X007
Description  Optocoupler, Phototransistor Output, with Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH601-1X007 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SFH601-1X007 Datasheet HTML 2Page - Vishay Siliconix SFH601-1X007 Datasheet HTML 3Page - Vishay Siliconix SFH601-1X007 Datasheet HTML 4Page - Vishay Siliconix SFH601-1X007 Datasheet HTML 5Page - Vishay Siliconix SFH601-1X007 Datasheet HTML 6Page - Vishay Siliconix SFH601-1X007 Datasheet HTML 7Page - Vishay Siliconix SFH601-1X007 Datasheet HTML 8Page - Vishay Siliconix SFH601-1X007 Datasheet HTML 9Page - Vishay Siliconix SFH601-1X007 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SFH601
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 23-Jul-15
7
Document Number: 83663
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 17 - Permissible Pulse Load
Fig. 18 - Permissible Power Dissipation for Transistor and Diode
Fig. 19 - Permissible Forward Current Diode
isfh601_17
tp (s)
10- 5
10- 4
10- 3
10- 2
10- 1
100
101
104
103
102
101
D=
t
p
t
p
T
I
F
T
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
DC
D = parameter, I
F = f(tp)
0
50
100
150
200
0
50
100
75
25
TA (°C)
isfh601_18
Ptot = f (TA)
Transistor
Diode
isfh601_19
120
90
60
30
0
025
50
75
100
TA (°C)
I
F = f (TA)


Similar Part No. - SFH601-1X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH601-1X007 VISHAY-SFH601-1X007 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH601-1X007 VISHAY-SFH601-1X007 Datasheet
142Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.3, 25-Jan-08
More results

Similar Description - SFH601-1X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com