Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K845P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # K845P
Description  Optocoupler, Photodarlington Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K845P Datasheet(HTML) 3 Page - Vishay Siliconix

  K845P Datasheet HTML 1Page - Vishay Siliconix K845P Datasheet HTML 2Page - Vishay Siliconix K845P Datasheet HTML 3Page - Vishay Siliconix K845P Datasheet HTML 4Page - Vishay Siliconix K845P Datasheet HTML 5Page - Vishay Siliconix K845P Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
K815P, K825P, K845P
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 24-Sep-12
3
Document Number: 83524
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Test Circuit, Non-Saturated Operation
Fig. 2 - Switching Times
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 3 - Forward Voltage vs. Ambient Temperature
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Current Transfer Ratio vs. Ambient Temperature
Fig. 6 - Collector Dark Current vs. Ambient Temperature
R L
50
Ω
Channel II
Channel I
IC = 10 mA
+ V CC
IF
IF
0
R G = 50 Ω
tp
tp = 50 s
T
= 0.01
Oscilloscope
R I = 1 MΩ
C I = 20 pF
14779
t p
t
t
0
0
10 %
90 %
100 %
t r
t d
t on
t s
t f
t off
I F
IC
tp
Pulse duration
td
Delay time
tr
Rise time
ton (= td + tr)
Turn-on time
ts
Storage time
t f
Fall time
t
off (= ts + tf)
Turn-off time
96 11698
0.8
0.9
1.0
1.1
1.2
1.3
0
20406080
100
Tamb- Ambient Temperature (°C)
14389
IF = 10 mA
0.1
1
10
100
1000
0.0
0.4
0.8
1.2
1.6
2.0
VF - Forward Voltage (V)
14390
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
- 30 - 20 - 10 0 10 20 30 40 50 60 70 80 90 100
Tamb - Ambient Temperature (°C)
14391
VCE = 5 V
IF = 1 mA
1
10
100
1000
10 000
100 000
20
30
40
50
60
70
80
90
100
Tamb - Ambient Temperature (°C)
14392
VCE = 10 V
IF = 0


Similar Part No. - K845P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K845P VISHAY-K845P Datasheet
172Kb / 9P
   Optocoupler with Photodarlington Output
Rev. A3, 29-Jun-99
K845P VISHAY-K845P Datasheet
129Kb / 6P
   Optocoupler, Photodarlington Output
Rev. 2.1, 24-Sep-12
K845P VISHAY-K845P Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2022
K845P VISHAY-K845P Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2023
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2022
More results

Similar Description - K845P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output
Rev. 1.4, 26-Oct-04
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2022
IL30 VISHAY-IL30_07 Datasheet
175Kb / 9P
   Optocoupler, Photodarlington Output
Rev. 1.6, 14-Dec-07
K851P VISHAY-K851P Datasheet
129Kb / 6P
   Optocoupler, Photodarlington Output
Rev. 2.1, 24-Sep-12
K815P VISHAY-K815P_V02 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2023
TCMD1000 VISHAY-TCMD1000 Datasheet
464Kb / 12P
   Optocoupler with Photodarlington Output
Rev. A2, 15-Dec-00
K815P VISHAY-K815P Datasheet
172Kb / 9P
   Optocoupler with Photodarlington Output
Rev. A3, 29-Jun-99
TCED1100 VISHAY-TCED1100 Datasheet
207Kb / 9P
   Optocoupler with Photodarlington Output
Rev. A3, 11-Jan-99
4N32 VISHAY-4N32 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
TCLD1000 VISHAY-TCLD1000 Datasheet
298Kb / 10P
   Optocoupler with Photodarlington Output
Rev. A3, 19-Mar-01
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com