Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11AA1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # H11AA1
Description  Optocoupler, Phototransistor Output, AC Input with Base Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

H11AA1 Datasheet(HTML) 2 Page - Vishay Siliconix

  H11AA1 Datasheet HTML 1Page - Vishay Siliconix H11AA1 Datasheet HTML 2Page - Vishay Siliconix H11AA1 Datasheet HTML 3Page - Vishay Siliconix H11AA1 Datasheet HTML 4Page - Vishay Siliconix H11AA1 Datasheet HTML 5Page - Vishay Siliconix H11AA1 Datasheet HTML 6Page - Vishay Siliconix H11AA1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 83608
2
Rev. 1.7, 23-Feb-11
H11AA1
Vishay Semiconductors Optocoupler, Phototransistor Output,
AC Input, with Base Connection
Note
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
Note
• Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Forward continuous current
IF
± 60
mA
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.3
mW/°C
OUTPUT
Power dissipation
Pdiss
200
mW
Derate linearly from 25 °C
2.6
mW/°C
Collector emitter breakdown voltage
BVCEO
30
V
Emitter base breakdown voltage
BVEBO
5V
Collector base breakdown voltage
BVCBO
70
V
COUPLER
Isolation test voltage (RMS)
Between emitter and detector,
referred to standard climate
23 °C/50% RH, DIN 50014
VISO
5300
VRMS
Creepage distance
 7mm
Clearance distance
 7mm
Comparative tracking index
per DIN IEC 112/VDE 0303, part 1
CTI
175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
 1012
VIO = 500 V, Tamb = 100 °C
RIO
 1011
Storage temperature range
Tstg
- 55 to + 150
°C
Operating temperature range
Tamb
- 55 to + 100
°C
Lead soldering time at 260 °C
Tsld
10
s
ELECTRICAL CHARACTERISTCS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = ± 10 mA
VF
1.2
1.5
V
OUTPUT
Collector emitter breakdown voltage
IC = 1 mA
BVCEO
30
V
Emitter base breakdown voltage
IE = 100 μA
BVEBO
5V
Collector base breakdown voltage
IC = 100 μA
BVCBO
70
V
Collector emitter leakage current
VCE = 10 V
ICEO
5100
nA
COUPLER
Collector emitter saturation voltage
IF = ± 10 mA, IC = 0.5 mA
VCEsat
0.4
V
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
DC current transfer ratio
IF = ± 10 mA, VCE = 10 V
CTRDC
20
%
Symmetry
(CTR at + 10 mA)/(CTR at - 10 mA)
0.33
1
3


Similar Part No. - H11AA1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11AA1 MOTOROLA-H11AA1 Datasheet
281Kb / 6P
   6-Pin DIP Optoisolators AC Input/Transistor Output
logo
QT Optoelectronics
H11AA1 QT-H11AA1 Datasheet
307Kb / 4P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA1 FAIRCHILD-H11AA1 Datasheet
528Kb / 8P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Everlight Electronics C...
H11AA1 EVERLIGHT-H11AA1 Datasheet
408Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
logo
Vishay Siliconix
H11AA1 VISHAY-H11AA1 Datasheet
128Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.6, 08-May-08
More results

Similar Description - H11AA1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL256AT VISHAY-IL256AT_08 Datasheet
124Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.8, 08-Jan-08
IL250 VISHAY-IL250_08 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.4, 09-May-08
IL256AT VISHAY-IL256AT_V02 Datasheet
117Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2023
H11AA1 VISHAY-H11AA1_V01 Datasheet
147Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2022
IL250 VISHAY-IL250_V01 Datasheet
149Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2022
IL256AT VISHAY-IL256AT_V01 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2022
H11AA1 VISHAY-H11AA1 Datasheet
128Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.6, 08-May-08
IL250 VISHAY-IL250_V02 Datasheet
149Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2023
IL256AT VISHAY-IL256AT Datasheet
134Kb / 6P
   Optocoupler, Phototransistor Output, AC Input, With Base Connection
Rev. 1.4, 22-Apr-04
H11AA1 VISHAY-H11AA1_V02 Datasheet
148Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com