Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY65EXI Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CNY65EXI
Description  Optocoupler, Phototransistor Output, ATEX Certified
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY65EXI Datasheet(HTML) 5 Page - Vishay Siliconix

  CNY65EXI Datasheet HTML 1Page - Vishay Siliconix CNY65EXI Datasheet HTML 2Page - Vishay Siliconix CNY65EXI Datasheet HTML 3Page - Vishay Siliconix CNY65EXI Datasheet HTML 4Page - Vishay Siliconix CNY65EXI Datasheet HTML 5Page - Vishay Siliconix CNY65EXI Datasheet HTML 6Page - Vishay Siliconix CNY65EXI Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CNY65Exi
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 10-Feb-15
5
Document Number: 83541
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 10 - Collector Emitter Saturation Voltage vs.
Collector Current
Fig. 11 - Current Transfer Ratio vs. Forward Current
Fig. 12 - Turn-on/Turn-off Time vs. Forward Current
Fig. 13 - Turn-on/Turn-off Time vs. Collector Current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
10
100
IC - Collector Current (mA)
96 11912
CTR = 50 %
10 %
20 %
0.1
1
10
1
10
100
1000
IF - Forward Current (mA)
100
95 11015
V
CE = 5 V
010
15
0
10
20
30
40
50
IF - Forward Current (mA)
20
95 11017
Saturated operation
V
S = 5 V
R
L = 1 kΩ
toff
t
on
5
04
IC - Collector Current (mA)
10
95 11016
Non-saturated
operation
V
S = 5 V
R
L = 100 Ω
t
off
t
on
0
5
10
15
20
8
2
6


Similar Part No. - CNY65EXI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY65EXI VISHAY-CNY65EXI Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, ATEX Certified
01-Jan-2022
CNY65EXI VISHAY-CNY65EXI Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, ATEX Certified
01-Jan-2023
CNY65EXI VISHAY-CNY65EXI_V01 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, ATEX Certified
01-Jan-2022
CNY65EXI VISHAY-CNY65EXI_V02 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, ATEX Certified
01-Jan-2023
More results

Similar Description - CNY65EXI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI_V02 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, ATEX Certified
01-Jan-2023
CNY65EXI VISHAY-CNY65EXI_V01 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, ATEX Certified
01-Jan-2022
TCDT1110 VISHAY-TCDT1110_08 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output
Rev. 1.8, 16-May-08
CNY17 VISHAY-CNY17_05 Datasheet
129Kb / 9P
   Optocoupler, Phototransistor Output,
Rev. 1.5, 09-Nov-05
TCDT1100 VISHAY-TCDT1100_08 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
TCET1201 VISHAY-TCET1201_V02 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2023
K817P VISHAY-K817P Datasheet
235Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.7, 26-Oct-04
ILD621 VISHAY-ILD621_07 Datasheet
176Kb / 10P
   Optocoupler, Phototransistor Output
Rev. 1.5, 20-Dec-07
TCET1204 VISHAY-TCET1204_V01 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2022
CNY74-2H VISHAY-CNY74-2H_08 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output,Multichannel
Rev. 1.5, 07.-Dec-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com