Electronic Components Datasheet Search |
|
LAX-100-NP Datasheet(PDF) 8 Page - LEM |
|
LAX-100-NP Datasheet(HTML) 8 Page - LEM |
8 / 12 page Page 8/12 www .lem.com 070615/8 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice. The schematic used to measure all electrical parameters is: (C 1 = C2 = 100 nF, RM = 50 Ω unless otherwise noted): Figure 18: standard characterization schematics Ampere-turns and amperes The LAX transducer is sensitive to the primary current linkage Θ P (also called ampere-turns). Θ P = NPIP (At) With N P the number of primary turn (1, 2 or 3 depending on the connection of the primary jumpers) Warning : As most LAX user will use it with only one single primary turn (N P = 1), most of this datasheet is written with primary currents instead of current linkages. The unit is kept as ampere-turn (At) to make clear that ampere-turns are meant. Transducer simplified model The static model of the transducer at temperature T A is: I S = G ΘP + error In which error = I OE + IOT(TA) + εGΘP + εL(ΘPmaxi)ΘPmaxi With : Θ P = NPIP : the input ampere-turns (At) Please read above warning. Θ Pmaxi : the maxi input ampere-turns that have been applied to the transducer (At) I S : the secondary current (A) T A : the ambient temperature (°C) I OE : the electrical offset current (A) I OT(TA) : the temperature variation of I O at temperature T A (A) G : the sensitivity of the transducer (A/At) ε G : the sensitivity error ε L (ΘPmaxi) : the linearity error for ΘPmaxi This model is valid for primary ampere-turns Θ P between - Θ Pmaxi and +ΘPmaxi only. At zero input current, the model for the offset is reduced to: I S = IOE + IOT(TA) + IOM(ΘPmaxi) In which I OM(ΘPmaxi) is the magnetic offset current due to the maximum input ampere-turns that have been applied to the transducer. Sensitivity and linearity To measure sensitivity and linearity, the primary current (DC) is cycled from 0 to I P, then to -IP and back to 0 (equally spaced IP/ 10 steps). The sensitivity G is defined as the slope of the linear regression line for a cycle between ± I PN. The linearity error ε L is the maximum positive or negative difference between the measured points and the linear regression line, expressed in % of the maximum measured value. Magnetic offset The magnetic offset current I OM is the consequence of a current on the primary side ("memory effect" of the transducer's ferro- magnetic parts). It is included in the linearity figure but can be measured individually. It is measured using the following primary current cycle. I OM depends on the current value IP1. Figure 19: current cycle used to measure magnetic and electrical offset (transducer supplied) IP IS +VC RM C1 C2 0 V -VC + - M IP (DC) -IP1 IP1 0 A t1 t t Ip(3) t2 2 ) ( ) ( 2 1 t Is t Is OM I − = Performance parameters definition LAX series 16-100 A |
Similar Part No. - LAX-100-NP |
|
Similar Description - LAX-100-NP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |