Electronic Components Datasheet Search |
|
0022282232 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0022282232 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 08/28/2017 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0022282232 Status: Active Overview: KK® Interconnect System - Molex Description: KK® 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 23 Circuits, 0.38µm Gold (Au) Selective Plating Documents: 3D Model Product Specification PS-10-07-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 42226 Application Signal, Wire-to-Board Application Tooling Part Link 11-20-1230 Overview KK® Interconnect System - Molex Product Name KK® 254 UPC 800753811218 Physical Breakaway Yes Circuits (Loaded) 23 Circuits (maximum) 23 Color - Resin Black Durability (mating cycles max) 100 Flammability 94V-0 Glow-Wire Compliant No Lock to Mating Part None Material - Metal Brass Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin Nylon Net Weight 3.994/g Number of Rows 1 Orientation Right Angle PC Tail Length 3.05mm PCB Locator No PCB Retention None PCB Thickness - Recommended 1.60mm Packaging Type Bag Pitch - Mating Interface 2.54mm Plating min - Mating 0.381µm Plating min - Termination 2.540µm Polarized to Mating Part No Polarized to PCB No Shrouded No Stackable No Temperature Range - Operating See Product Specification Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 4.0A Voltage - Maximum 500V Series image - Reference only EU ELV Not Relevant EU RoHS China RoHS Compliant REACH SVHC Not Contained Per - ED/30/2017 (7 July 2017) Halogen-Free Status Not Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions. China ROHS Green Image ELV Not Relevant RoHS Phthalates Not Contained Search Parts in this Series 42226 Series Mates With KK® Crimp Housing 2695 , 6471 , 7880 , KK® PC Board Connector 4455 |
Similar Part No. - 0022282232_17 |
|
Similar Description - 0022282232_17 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |