Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CASR-25-NP Datasheet(PDF) 7 Page - LEM

Part # CASR-25-NP
Description  CAS / CASR / CKSR series Current Transducers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CASR-25-NP Datasheet(HTML) 7 Page - LEM

Back Button CASR-25-NP Datasheet HTML 3Page - LEM CASR-25-NP Datasheet HTML 4Page - LEM CASR-25-NP Datasheet HTML 5Page - LEM CASR-25-NP Datasheet HTML 6Page - LEM CASR-25-NP Datasheet HTML 7Page - LEM CASR-25-NP Datasheet HTML 8Page - LEM CASR-25-NP Datasheet HTML 9Page - LEM CASR-25-NP Datasheet HTML 10Page - LEM CASR-25-NP Datasheet HTML 11Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Fig. 6: Differential current measurement (I = I1 – I2), many possibilities
77
Higher insulation provided with the CKSR models thanks to their
mechanical design
The CKSR primary pin footprint is different to the CAS and
CASR models.
Thanks to this different primary footprint, higher creepage and
clearance distances are achieved.
This can be of interest when higher insulation is required for
applications under higher working voltages than normal.
Creepage and clearance distances for CKSR models are
8.2 mm (internal distances).
Let’s take an example to see the advance this brings.
Conditions of use:
• Creepage distance: 8.2 mm
• Clearance distance: 8.2 mm
• CTI: 600 V (group I)
• Overvoltage category: III
• Pollution Degree: 2
Basic or Single insulation:
According to EN 50178 and IEC 61010-1standards:
With clearance distance of 8.2 mm and PD2 and OV III, the rated
insulation voltage is of 1000 V
RMS.
With a creepage distance of 8.2 mm and PD2 and CTI of 600 V
(group I), this leads to a possible rated insulation voltage of
1600 V
RMS.
In conclusion, the possible rated insulation voltage, in these
conditions of use, is 1000 V
RMS (the lowest value given by the
both results from the creepage and clearance distances).
Reinforced insulation:
Let’s look at the reinforced insulation for the same creepage and
clearance distances as previously defined:
When looking at dimensioning reinforced insulation, from the
clearance distance point of view, with OV III and according
to EN 50178 and IEC 61010-1 standards, the rated insulation
voltage is given whatever the pollution degree at 450 VRMS
(interpolation) or 300 V
RMS (without interpolation).
From the creepage distance point of view, when dimensioning
reinforced insulation, the creepage distance taken into account
has to be the real creepage distance divided by 2, that is to say
8.2/2 = 4.1 mm.
With that value, and PD2 and CTI of 600 V (group I), this leads to
a possible rated insulation voltage of 800 VRMS.
In conclusion, the possible reinforced rated insulation voltage, in
these conditions of use, is of 450 VRMS (interpolation) or 300 VRMS
(without interpolation)(the lowest value given by the both results
from the creepage and clearance distances).
Using only the EN 50178 standard as a reference for industrial
applications, the possible reinforced rated insulation voltage in
these conditions of use is of 600 VRMS.
With CASR models, not using the special primary pins footprint,
the clearance and creepage distances are each of 7.5 mm.
In the same conditions of use as for the CKSR example here
before, the result would be the following:
According to EN 50178 and IEC 61010-1 standards:
Basic or Single insulation ➔ Rated insulation voltage: 600 V
RMS.
Reinforced insulation ➔ Rated insulation voltage: 404 V
RMS
(interpolation) or 300 V
RMS (without interpolation).
With CAS models, not using the special primary pins footprint,
the clearance and creepage distances are each of 7.7 mm
(distances are higher compared to the CASR models as there
are only 3 secondary pins versus 4 on the CASR models).
In the same conditions of use as for the CKSR example here
before, the result would be the following:
According to EN 50178 and IEC 61010-1 standards:
Basic or Single insulation ➔ Rated insulation voltage: 600 V
RMS.
Reinforced insulation ➔ Rated insulation voltage: 417 V
RMS
(interpolation) or 300 V
RMS (without interpolation).
(Note: all these calculations are done with creepage and
clearance distances taken on the transducer itself not mounted
on a PCB).
The measurement of differential currents
is also possible with special versions of
CAS, CASR and CKSR (Fig. 6). These
models are possible on request. The
current measured is the difference
of the currents I1 - I2. For insulation
reasons
(creepage
and
clearance
distances), these models are designed
in order to have enough space between
the 2 primary conductors carrying the 2
opposite currents (due to the possible
potential difference between the two
phases).


Similar Part No. - CASR-25-NP

ManufacturerPart #DatasheetDescription
logo
LEM
CASR-15-NP LEM-CASR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-50-NP LEM-CASR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-6-NP LEM-CASR-6-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
More results

Similar Description - CASR-25-NP

ManufacturerPart #DatasheetDescription
logo
LEM
CKSR-15-NP LEM-CKSR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-15-NP LEM-CASR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-50-NP LEM-CASR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-25-NP LEM-CKSR-25-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-50-NP LEM-CKSR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-6-NP LEM-CASR-6-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CAS-25-NP LEM-CAS-25-NP Datasheet
1Mb / 16P
   Current Transducer CAS series
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
   Current Transducers
HAC100 LEM-HAC100 Datasheet
840Kb / 3P
   Current Transducers
HAZ4000-SRU LEM-HAZ4000-SRU Datasheet
250Kb / 3P
   Current Transducers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com