Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS81314PQ19GK-800 Datasheet(PDF) 1 Page - GSI Technology

Part # GS81314PQ19GK-800
Description  Burst of 2 Single-Bank ECCRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81314PQ19GK-800 Datasheet(HTML) 1 Page - GSI Technology

  GS81314PQ19GK-800 Datasheet HTML 1Page - GSI Technology GS81314PQ19GK-800 Datasheet HTML 2Page - GSI Technology GS81314PQ19GK-800 Datasheet HTML 3Page - GSI Technology GS81314PQ19GK-800 Datasheet HTML 4Page - GSI Technology GS81314PQ19GK-800 Datasheet HTML 5Page - GSI Technology GS81314PQ19GK-800 Datasheet HTML 6Page - GSI Technology GS81314PQ19GK-800 Datasheet HTML 7Page - GSI Technology GS81314PQ19GK-800 Datasheet HTML 8Page - GSI Technology GS81314PQ19GK-800 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
GS81314PQ19/37GK-933/800
144Mb SigmaQuad-IVe™
Burst of 2 Single-Bank ECCRAM™
Up to 933 MHz
1.2V ~ 1.3V VDD
1.2V ~ 1.3V VDDQ
Rev: 1.02 3/2016
1/39
© 2015, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
260-Pin BGA
Com & Ind Temp
POD I/O
Features
• 4Mb x 36 and 8Mb x 18 organizations available
• Organized as a single logical memory bank
• 933 MHz maximum operating frequency
• 1.866 BT/s peak transaction rate (in billions per second)
• 134 Gb/s peak data bandwidth (in x36 devices)
• Separate I/O DDR Data Buses
• Non-multiplexed DDR Address Bus
• Two operations - Read and Write - per clock cycle
• No address/bank restrictions on Read and Write ops
• Burst of 2 Read and Write operations
• 5 cycle Read Latency
• On-chip ECC with virtually zero SER
• Loopback signal timing training capability
• 1.2V ~ 1.3V nominal core voltage
• 1.2V ~ 1.3V POD I/O interface
• Configuration registers
• Configurable ODT (on-die termination)
• ZQ pin for programmable driver impedance
• ZT pin for programmable ODT impedance
• IEEE 1149.1 JTAG-compliant Boundary Scan
• 260-pin, 14 mm x 22 mm, 1 mm ball pitch, 6/6 RoHS-
compliant BGA package
SigmaQuad-IVe™ Family Overview
SigmaQuad-IVe ECCRAMs are the Separate I/O half of the
SigmaQuad-IVe/SigmaDDR-IVe family of high performance
ECCRAMs. Although similar to GSI's third generation of
networking SRAMs (the SigmaQuad-IIIe/SigmaDDR-IIIe
family), these fourth generation devices offer several new
features that help enable significantly higher performance.
Clocking and Addressing Schemes
The GS81314PQ19/37GK SigmaQuad-IVe ECCRAMs are
synchronous devices. They employ three pairs of positive and
negative input clocks; one pair of master clocks, CK and CK,
and two pairs of write data clocks, KD[1:0] and KD[1:0]. All
six input clocks are single-ended; that is, each is received by a
dedicated input buffer.
CK and CK are used to latch address and control inputs, and to
control all output timing. KD[1:0] and KD[1:0] are used solely
to latch data inputs.
Each internal read and write operation in a SigmaQuad-IVe B2
ECCRAM is two times wider than the device I/O bus. An input
data bus de-multiplexer is used to accumulate incoming data
before it is simultaneously written to the memory array. An
output data multiplexer is used to capture the data produced
from a single memory array read and then route it to the
appropriate output drivers as needed. Therefore, the address
field of a SigmaQuad-IVe B2 ECCRAM is always one address
pin less than the advertised index depth (e.g. the 8M x 18 has
4M addressable index).
On-Chip Error Correction Code
GSI's ECCRAMs implement an ECC algorithm that detects
and corrects all single-bit memory errors, including those
induced by SER events such as cosmic rays, alpha particles,
etc. The resulting Soft Error Rate of these devices is
anticipated to be <0.002 FITs/Mb — a 5-order-of-magnitude
improvement over comparable SRAMs with no on-chip ECC,
which typically have an SER of 200 FITs/Mb or more.
All quoted SER values are at sea level in New York City.
Parameter Synopsis
Speed Grade
Max Operating Frequency
Read Latency
VDD
-933
933 MHz
5 cycles
1.25V to 1.35V
-800
800 MHz
5 cycles
1.15V to 1.35V


Similar Part No. - GS81314PQ19GK-800

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81314PQ19GK-800I GSI-GS81314PQ19GK-800I Datasheet
484Kb / 39P
   Burst of 2 Single-Bank ECCRAM
More results

Similar Description - GS81314PQ19GK-800

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81314LQ19GK-800 GSI-GS81314LQ19GK-800 Datasheet
482Kb / 39P
   Burst of 2 Single-Bank ECCRAM
GS81314PQ19GK-800I GSI-GS81314PQ19GK-800I Datasheet
484Kb / 39P
   Burst of 2 Single-Bank ECCRAM
GS81314PQ19 GSI-GS81314PQ19 Datasheet
484Kb / 39P
   Burst of 2 Single-Bank ECCRAM
GS81314LQ19GK-800I GSI-GS81314LQ19GK-800I Datasheet
482Kb / 39P
   Burst of 2 Single-Bank ECCRAM
GS81314LQ19GK-933I GSI-GS81314LQ19GK-933I Datasheet
482Kb / 39P
   Burst of 2 Single-Bank ECCRAM
GS81314LQ18GK-120 GSI-GS81314LQ18GK-120 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ36GK-106I GSI-GS81314LQ36GK-106I Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314LD19GK-800 GSI-GS81314LD19GK-800 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314PD19GK-800 GSI-GS81314PD19GK-800 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314PQ18GK-106 GSI-GS81314PQ18GK-106 Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com