Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDK226M050A9GAA Datasheet(PDF) 1 Page - Kemet Corporation

Part # EDK226M050A9GAA
Description  Aluminum Electrolytic, 85C, EDK, 22 uF, 20%, 50 V, -40/85C
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EDK226M050A9GAA Datasheet(HTML) 1 Page - Kemet Corporation

  EDK226M050A9GAA Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 4f4d954f-6618-47ca-b4c1-39c50cb75bd6
KEMET Part Number: EDK226M050A9GAA
Aluminum Electrolytic, 85C, EDK, 22 uF, 20%, 50 V, -40/+85C
F
Dimensions
D
6.3mm +/-0.5mm
L
5.4mm +0.25/-0.1mm
W
0.65mm +/-0.1mm
F
0.3mm MAX
A
6.6mm +/-0.2mm
B
6.6mm +/-0.2mm
C
7.8mm MAX
E
2.6mm +/-0.2mm
P
1.8mm +/-0.2mm
Packaging Specifications
Packaging: T&R, 380mm
Packaging Quantity: 1000
General Information
Dielectric: Aluminum Electrolytic
Style: SMD Can
Series: EDK
Description: Surface Mount, Aluminum
Electrolytic
RoHS: Yes
Lead: V-Chip
Specifications
Capacitance: 22 uF
Capacitance Tolerance: 20%
Voltage DC: 50 VDC, 63 VDC (Surge)
Temperature Range: -40/+85C
Rated Temperature: 85C
Life: 2000 Hrs
Dissipation Factor: 14%
Current: 40 mAmps (120Hz), 54.4
mAmps (120Hz 50C)
Leakage Current: 11 uA (2min 20C)
Impedance Ratio at -25C: 2
Impedance Ratio at -40C: 3
High Temperature Solder: Yes
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - EDK226M050A9GAA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EDK226M050A9LAA KEMET-EDK226M050A9LAA Datasheet
133Kb / 4P
   SMD Surface mount lead terminals ??General Purpose 85째C / 2000 h
More results

Similar Description - EDK226M050A9GAA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EDK225M050A9BAA KEMET-EDK225M050A9BAA_17 Datasheet
73Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 2.2 uF, 20%, 50 V, -40/85C
EDK106M050A9GAA KEMET-EDK106M050A9GAA_17 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 10 uF, 20%, 50 V, -40/85C
EDK336M050A9MAA KEMET-EDK336M050A9MAA_17 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 33 uF, 20%, 50 V, -40/85C
EDK108M6R3A9PAA KEMET-EDK108M6R3A9PAA_17 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 1000 uF, 20%, 6.3 V, -40/85C
EDK107M063A9PAA KEMET-EDK107M063A9PAA Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 100 uF, 20%, 63 V, -40/85C
EDK227M050A9PAA KEMET-EDK227M050A9PAA_17 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 220 F, 20%, 50 V, -40/85C
EDK108M010A9PAA KEMET-EDK108M010A9PAA Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 1000 uF, 20%, 10 V, -40/85C
EDK227M035A9MAA KEMET-EDK227M035A9MAA Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 220 uF, 20%, 35 V, -40/85C
EDK337M025A9PAA KEMET-EDK337M025A9PAA_17 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 330 uF, 20%, 25 V, -40/85C
EDK477M016A9MAA KEMET-EDK477M016A9MAA_17 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 470 uF, 20%, 16 V, -40/85C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com