Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2029-15-SMLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2029-15-SMLF
Description  Heavy Duty Gas Discharge Tube Surge Arrestor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2029-15-SMLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2029-15-SMLF Datasheet HTML 1Page - Bourns Electronic Solutions 2029-15-SMLF Datasheet HTML 2Page - Bourns Electronic Solutions 2029-15-SMLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
How to Order
2029 - xx - SM -RP LF
Model Number Designator
Voltage (Divided by 10)
09 = 90 V
23 = 230 V
42 = 420 V
15 = 150 V
35 = 350 V
Surface Mount
Packaging Option
Blank = Bulk Packaging (Standard)
-RP = 16 mm Reelpack (Optional)
RoHS Compliancy
LF = RoHS Compliant Product
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
2029-xx-SMLFHeavyDutyGasDischargeTubeSurgeArrestor
Product Dimensions
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
TOLERANCES:± 0.25
(0.10)
5.84
(.230)
7.9 ± 0.2
(.311 ± .008)
1.78
(.070)
6.0 ± 0.3
(.236 ± .012)
0.43 ± 0.1
(.017 ± .004)
0.48 ± 0.1
(.019 ± .004)
8.25
(.325)
7.50 ± 0.2
(.311 ± .008)
5.84
(.230)
7.9 ± 0.2
(.311 ± .008)
1.78
(.070)
6.0 ± 0.3
(.236 ± .012)
0.43 ± 0.1
(.017 ± .004)
0.48 ± 0.1
(.019 ± .004)
8.25
(.325)
7.50 ± 0.2
(.311 ± .008)


Similar Part No. - 2029-15-SMLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2029-15-SMLF BOURNS-2029-15-SMLF Datasheet
235Kb / 3P
   Heavy Duty Gas Discharge Tube Surge Arrestor
More results

Similar Description - 2029-15-SMLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2029-09-SMLF BOURNS-2029-09-SMLF_16 Datasheet
250Kb / 3P
   Heavy Duty Gas Discharge Tube Surge Arrestor
2029-09-SMLF BOURNS-2029-09-SMLF Datasheet
235Kb / 3P
   Heavy Duty Gas Discharge Tube Surge Arrestor
2017-09-A-RPLF BOURNS-2017-09-A-RPLF Datasheet
534Kb / 3P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
2018-09 BOURNS-2018-09 Datasheet
347Kb / 3P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
2019 BOURNS-2019 Datasheet
590Kb / 4P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
2018 BOURNS-2018 Datasheet
586Kb / 4P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
2017-09 BOURNS-2017-09 Datasheet
594Kb / 3P
   Gas Discharge Tube Surge Arrestor with FLAT짰 Technology
2046-09 BOURNS-2046-09 Datasheet
200Kb / 2P
   Heavy-Duty 3-Electrode Gas Discharge Tube
2046-XX-A BOURNS-2046-XX-A Datasheet
191Kb / 2P
   2046 Series Heavy-Duty 3-Electrode Gas Discharge Tube
2028-23 BOURNS-2028-23 Datasheet
162Kb / 2P
   Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com