Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4618 Datasheet(PDF) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SC4618
Description  SOT-523 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC4618 Datasheet(HTML) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC4618 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC4618 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC4618 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC4618 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SOT-523 Tape and Reel
www.cj-elec.com
4
A,Jun,2014
www.cj-elec.com
C,Mar,2016


Similar Part No. - 2SC4618

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4618 ROHM-2SC4618 Datasheet
80Kb / 4P
   High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
2SC4618 ROHM-2SC4618 Datasheet
147Kb / 3P
   High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618 Datasheet
382Kb / 2P
   NPN General Purpose Transistor
logo
Weitron Technology
2SC4618 WEITRON-2SC4618 Datasheet
95Kb / 1P
   NPN TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
More results

Similar Description - 2SC4618

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MMBT2222AT JIANGSU-MMBT2222AT Datasheet
4Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
MMBT3906T JIANGSU-MMBT3906T Datasheet
5Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
logo
SHIKUES Electronics
S9014T SKTECHNOLGY-S9014T Datasheet
967Kb / 3P
   SOT-523 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SA1832 JIANGSU-2SA1832 Datasheet
1Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
2SC4617 JIANGSU-2SC4617 Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
2SC4738 JIANGSU-2SC4738 Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
2SC5585 JIANGSU-2SC5585 Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
BC847T JIANGSU-BC847T Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
BC857T JIANGSU-BC857T Datasheet
1Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
MMBT3904T JIANGSU-MMBT3904T Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com