Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4504DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4504DR
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4504DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4504DR Datasheet HTML 3Page - Texas Instruments THS4504DR Datasheet HTML 4Page - Texas Instruments THS4504DR Datasheet HTML 5Page - Texas Instruments THS4504DR Datasheet HTML 6Page - Texas Instruments THS4504DR Datasheet HTML 7Page - Texas Instruments THS4504DR Datasheet HTML 8Page - Texas Instruments THS4504DR Datasheet HTML 9Page - Texas Instruments THS4504DR Datasheet HTML 10Page - Texas Instruments THS4504DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
www.ti.com
THS4504
THS4505
SLOS363C – AUGUST 2002 – REVISED MARCH 2004
THS4504 AND THS4505
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
MIN/TY
0
°C to
-40
°C
P/MAX
25
°C
25
°C
UNITS
70
°C
to 85
°C
INPUT
Common-mode input range
-0.7/2.6
-0.4/2.3
-0.1/2
-0.1/2
V
Min
Common-mode rejection ratio
80
74
70
70
dB
Min
Input impedance
107 || 1
Ω || pF
Typ
OUTPUT
Differential output voltage swing
RL = 1 kΩ, Referenced to 2.5 V
±3.3
±3
±2.8
±2.8
V
Min
Output current drive
RL = 20Ω
110
90
80
80
mA
Min
Output balance error
PIN = -20 dBm, f = 100 kHz
-38
dB
Typ
Closed-loop output
f = 1 MHz
0.1
Typ
impedance (single-ended)
OUTPUT COMMON-MODE VOLTAGE CONTROL
Small-signal bandwidth
RL = 400Ω
160
MHz
Typ
Slew rate
2 VPP Step
80
V/µs
Typ
Minimum gain
1
0.98
0.98
0.98
V/V
Min
Maximum gain
1
1.02
1.02
1.02
V/V
Max
Common-mode offset
0.4
-2.6/3.4
-4.2/5.4
-5.6/6.4
mV
Max
voltage
Input bias current
VOCM = 2.5 V
1
2
3
3
µA
Max
Input voltage range
1/4
1.2/3.8
1.3/3.7
1.3/3.7
V
Min
Input impedance
25 || 1
k
Ω || pF
Typ
Maximum default voltage
VOCM left floating
2.5
2.55
2.6
2.6
V
Max
Minimum default voltage
VOCM left floating
2.5
2.45
2.4
2.4
V
Min
POWER SUPPLY
Specified operating voltage
5
15
15
15
V
Max
Maximum quiescent current
14
17
19
21
mA
Max
Minimum quiescent current
14
11
10
8
mA
Min
Power supply rejection (+PSRR)
75
72
69
66
dB
Min
POWER-DOWN (THS4504 ONLY)
Enable voltage threshold
Device enabled ON above 2.1 V
2.1
V
Min
Device disabled OFF below
Disable voltage threshold
0.7
V
Max
0.7 V
Power-down quiescent
600
800
1200
1200
µA
Max
current
Input bias current
100
125
140
140
µA
Max
Input impedance
50 || 1
k
Ω || pF
Typ
Turnon time delay
1000
ns
Typ
Turnoff time delay
800
ns
Typ
7


Similar Part No. - THS4504DR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4504DR NSC-THS4504DR Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4504DRG4 NSC-THS4504DRG4 Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
More results

Similar Description - THS4504DR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4500 TI-THS4500 Datasheet
585Kb / 37P
[Old version datasheet]   WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI-THS4502 Datasheet
609Kb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com