Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3096 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS3096
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3096 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS3096 Datasheet HTML 6Page - Texas Instruments THS3096 Datasheet HTML 7Page - Texas Instruments THS3096 Datasheet HTML 8Page - Texas Instruments THS3096 Datasheet HTML 9Page - Texas Instruments THS3096 Datasheet HTML 10Page - Texas Instruments THS3096 Datasheet HTML 11Page - Texas Instruments THS3096 Datasheet HTML 12Page - Texas Instruments THS3096 Datasheet HTML 13Page - Texas Instruments THS3096 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (
±15 V)
f − Frequency − Hz
RF = 499 Ω
RF = 1.2 k Ω
Gain = 2,
RL = 100 Ω,
VO = 200 mVPP,
VS = ±15 V
0
1
2
3
4
5
6
7
8
9
1 M
10 M
100 M
1 G
RF = 909 Ω
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
24
1 M
10 M
100 M
1 G
f − Frequency − Hz
G = 10, RF = 604 Ω
RL = 100 Ω,
VO = 200 mVPP, VS = ±15 V
G = 5, RF = 715 Ω
G =2, RF = 909 Ω
G =1, RF = 1.1 kΩ
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
24
1 M
10 M
100 M
1 G
f − Frequency − Hz
G = −1, RF = 909 Ω
G = −10, RF = 604 Ω
G = −5, RF = 715 Ω
G = −2, RF = 806 Ω
RL = 100 Ω,
VO = 200 mVPP, VS = ±15 V
5.7
5.8
5.9
6
6.1
6.2
6.3
100 k
1 M
10 M
100 M
f − Frequency − Hz
Gain = 2,
RF = 909 Ω,
RL = 200 Ω,
VO = 200 mVPP,
VS = ±15 V
0
2
4
6
8
10
12
16
1 M
10 M
100 M
1 G
14
f − Frequency − Hz
VO = 5 VPP
Gain = −5,
RF = 715 Ω,
RL = 100 Ω,
VS = ±15 V
VO = 1 VPP
VO = 2 VPP
VO = 10 VPP
VO = 20 VPP
0
2
4
6
8
10
12
14
16
1 M
10 M
100 M
1 G
f − Frequency − Hz
VO = 2VPP
VO = 1VPP
VO = 20VPP
VO = 10VPP
VO = 5VPP
Gain = 5,
RF = 715 Ω,
RL = 100 Ω,
VS = ±15 V
0
5
10
15
20
25
30
35
40
45
10
100
CL − Capacitive Load − pF
Gain = 5,
VS = ±15 V
+
178
715
RISO
CL
−90
−80
−70
−60
−50
−40
100 k
1 M
10 M
100 M
f − Frequency − Hz
VS = ±15 V,
VO = 2 VPP
G = 2
RF = 909 Ω,
RL = 1 kΩ
G = 2
RF = 909 Ω,
RL = 100 Ω
G = 1
RF = 1.1 kΩ,
RL = 1 kΩ
G = 1
RF = 1.1 kΩ,
RL = 100 Ω
−2
0
2
4
6
8
10
12
14
16
10 M
100 M
1 G
f − Frequency − Hz
R(ISO) = 15 Ω
CL = 100 pF
Gain = 5
RL = 100 Ω
VS =±15 V
R(ISO) = 39.2 Ω
CL = 10 pF
R(ISO) = 30.9 Ω
CL = 22 pF
R(ISO) = 20 Ω
CL = 47 pF
THS3092
THS3096
SLOS428A – DECEMBER 2003 – REVISED FEBRUARY 2004
NONINVERTING
NONINVERTING
INVERTING
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 1.
Figure 2.
Figure 3.
NONINVERTING
INVERTING
0.1 dB FLATNESS
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 4.
Figure 5.
Figure 6.
RECOMMENDED RISO
2ND HARMONIC DISTORTION
FREQUENCY RESPONSE
vs
vs
CAPACITIVE LOAD
CAPTIVATE LOAD
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
10


Similar Part No. - THS3096

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3096 TI1-THS3096 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096D TI1-THS3096D Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096DG4 TI1-THS3096DG4 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096PWP TI1-THS3096PWP Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096PWPG4 TI1-THS3096PWPG4 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3096

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091_V02 Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3091 TI-THS3091_V01 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com