Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH618A-5 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFH618A-5
Description  Optocoupler, Phototransistor Output, Low Input Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH618A-5 Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH618A-5 Datasheet HTML 1Page - Vishay Siliconix SFH618A-5 Datasheet HTML 2Page - Vishay Siliconix SFH618A-5 Datasheet HTML 3Page - Vishay Siliconix SFH618A-5 Datasheet HTML 4Page - Vishay Siliconix SFH618A-5 Datasheet HTML 5Page - Vishay Siliconix SFH618A-5 Datasheet HTML 6Page - Vishay Siliconix SFH618A-5 Datasheet HTML 7Page - Vishay Siliconix SFH618A-5 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SFH618A, SFH6186
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 31-Aug-15
1
Document Number: 83673
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, Low Input Current
DESCRIPTION
The SFH618A (DIP) and SFH6186 (SMD) feature a high
current transfer ratio, low coupling capacitance and high
isolation voltage. These couplers have a GaAs infrared
diode emitter, which is optically coupled to silicon planar
phototransistor detector, and is incorporated in a plastic
DIP-4 or SMD package.
The coupling devices are designed for signal transmission
between two electrically separated circuits.The couplers are
end-stackable with 2.54 mm lead spacing. Creepage and
clearance distances of > 8 mm achieved with option 6.
FEATURES
• Good CTR linearity depending on forward current
• Low CTR degradation
• High collector emitter voltage, VCEO = 55 V
• Isolation test voltage, 5300 VRMS
• Low coupling capacitance
• End stackable, 0.100" (2.54 mm) spacing
• High common mode transient immunity
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Telecom
• Industrial controls
• Battery powered equipment
• Office machines
AGENCY APPROVALS
The safety application model number covering all products
in this datasheet is SFH618A. This model number should be
used when consulting safety agency documents.
• UL1577, file no. E52744 system code H or J, double
protection
• CSA 93751
• DIN EN 60747-5-5 (VDE 0884-5) available with option 1
• BSI IEC 60950; IEC 60065
•FIMKO
Notes
• Additional options may be possible, please contact sales office
(1) Also available in tubes, do not put T to the end
(2) Product is rotated 90° in tape and reel cavity
E
C
A
C
1
2
4
3
1
1
i179061-1
ORDERING INFORMATION
SF
H
6
1
8
#
-
#
X
0
#
#
T
PART NUMBER
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY
CERTIFIED/PACKAGE
CTR (%)
1 mA
UL, CUL
63 to 125
100 to 200
160 to 320
250 to 500
DIP-4
SFH618A-2
SFH618A-3
SFH618A-4
SFH618A-5
DIP-4, 400 mil, option 6
-
SFH618A-3X006
-
-
SMD-4, option 7
-
-
-
SFH618A-5X007T (1)
SMD-4, option 9
SFH6186-2T (1)
SFH6186-3T (1), SFH6186-3T1 (2),
SFH6186-3X002T (1)
SFH6186-4T (1)
SFH6186-5T (1),
SFH6186-5T1 (2)
VDE, UL, CUL
63 to 125
100 to 200
160 to 320
250 to 500
DIP-4
-
SFH618A-3X001
SFH618A-4X001
-
DIP-4, 400 mil, option 6
-
SFH618A-3X016
SFH618A-4X016
SFH618A-5X016
SMD-4, option 7
-
SFH618A-3X017T (1)
-
SFH618A-5X017T (1)
SMD-4, option 9
-
SFH6186-3X001T (1)
SFH6186-4X001T
SFH6186-5X001T (1)
> 0.1 mm
10.16 mm
> 0.7 mm
7.62 mm
DIP-#
Option 7
Option 6
Option 9


Similar Part No. - SFH618A-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH618A-5 VISHAY-SFH618A-5 Datasheet
473Kb / 4P
   Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
Revision 17-August-01
logo
Infineon Technologies A...
SFH618A-5 INFINEON-SFH618A-5 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
logo
Vishay Siliconix
SFH618A-5 VISHAY-SFH618A-5 Datasheet
146Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.8, 25-Jan-08
SFH618A-5 VISHAY-SFH618A-5 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH618A-5 VISHAY-SFH618A-5 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
More results

Similar Description - SFH618A-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
VO610A VISHAY-VO610A_V02 Datasheet
177Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2023
SFH6186-3X001 VISHAY-SFH6186-3X001 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH6186-2T VISHAY-SFH6186-2T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
VO610A VISHAY-VO610A Datasheet
175Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
Rev. 1.7, 18-Feb-13
SFH6186-3X001T VISHAY-SFH6186-3X001T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_V02 Datasheet
242Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current
01-Jan-2023
SFH6186-5T VISHAY-SFH6186-5T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
VO610A VISHAY-VO610A_V01 Datasheet
176Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com