Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASL563 Datasheet(PDF) 7 Page - Advanced Semiconductor Business Inc.

Part # ASL563
Description  High Gain, Low Noise Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL563 Datasheet(HTML) 7 Page - Advanced Semiconductor Business Inc.

Back Button ASL563 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 11Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASL563
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of -5 dBm/tone separated by 1MHz.
Top
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Power Gain
Gp
F = 1.575 GHz
24.0
25.0
dB
Noise Figure
NF
F = 1.575 GHz
1.1
1.3
dB
Input Return Loss
RLin
F = 1.575 GHz
-14
dB
Output Return Loss
RLout
F = 1.575 GHz
-12
dB
1 dB Gain Compression
Output Power
Po(1dB)
F = 1.575 GHz
8
10
dBm
3rd Intercept Point
Output Power1)
OIP3
F = 1.575 GHz
14
16
dBm
Circuit Current
Id
F = 1.575 GHz,
Non-RF
7.7
mA
Schematic
S-parameters & Noise Figure
APPLICATION CIRCUIT
GPS,GLONASS,Galileo,Compass
1559 ~ 1610 MHz
+3 V, 7.7 mA
Board Layout (FR4, 16x12 mm2, 0.8T)
Note: 1) the length of the strip line P1 and P2 are given as below at
the PCB with Er = 4.5 and T = 0.8 mm.
*P1 Length: 2.8 mm, Width: 0.3 mm
*P2 Length: 1.0 mm, Width: 0.3 mm
2) Gain and S11 are in trade-off and varied with the length of P1 and P2
7mm
C1=1.8 pF
C5=1.5 pF
VDD
RF OUT
ASL563
L1=6.8 nH
C3=10 nF
RF IN
L2=6.2 nH
C4=68 pF
C6=10 nF
L3=7.5 nH
L4=6.2 nH
R4=820
R5=9.1 k
R2=910
R1=9.1k
C7=1
F
R3=33
R6=33
*P1
*P2
VDD
C2=1
F
1400
1450
1500
1550
1600
1650
1700
1750
1800
0
5
10
15
20
25
30
35
Frequency (MHz)
-40
oc
25
oc
85
oc
1400
1450
1500
1550
1600
1650
1700
1750
1800
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
1400
1450
1500
1550
1600
1650
1700
1750
1800
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
Bottom


Similar Part No. - ASL563

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL563 ASB-ASL563 Datasheet
1Mb / 22P
   High Gain, Low Noise Amplifier
August 2011
More results

Similar Description - ASL563

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
   High Gain, Low Noise Amplifier
May 2012
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
   High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
   High Gain, Low Noise Amplifier
April 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
   High Gain, Low Noise Amplifier
April 2017
logo
STMicroelectronics
SMA428A STMICROELECTRONICS-SMA428A Datasheet
103Kb / 8P
   High Gain, Low Noise Amplifier
logo
Advanced Semiconductor ...
ASL563 ASB-ASL563 Datasheet
1Mb / 22P
   High Gain, Low Noise Amplifier
August 2011
AST54S ASB-AST54S Datasheet
1Mb / 21P
   High Gain, Low Noise Amplifier
June 2012
ASL22N ASB-ASL22N Datasheet
400Kb / 4P
   High Gain, Low Noise Amplifier
February 2013
ASL51T8 ASB-ASL51T8 Datasheet
539Kb / 11P
   High Gain, Low Noise Amplifier
June 2014
ASL51T8 ASB-ASL51T8_17 Datasheet
583Kb / 11P
   High Gain, Low Noise Amplifier
January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com