Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCWN03B-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # DCWN03B-12
Description  3W DIP Package DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DCWN03B-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  DCWN03B-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DCWN03B-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. DCWN03B-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. DCWN03B-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
SCWN03E-03
SCWN03A-03
SCWN03B-03
SCWN03C-03
SCWN03E-05
SCWN03A-05
SCWN03B-05
SCWN03C-05
SCWN03E-12
SCWN03A-12
SCWN03B-12
SCWN03C-12
SCWN03E-15
SCWN03A-15
SCWN03B-15
SCWN03C-15
DCWN03E-05
DCWN03A-05
DCWN03B-05
DCWN03C-05
DCWN03E-12
DCWN03A-12
DCWN03B-12
DCWN03C-12
DCWN03E-15
DCWN03A-15
DCWN03B-15
DCWN03C-15
5V
(4.5 ~ 9V)
12V
(9 ~ 18V)
24V
(18 ~ 36V)
48V
(36 ~ 72V)
3.3V
3.3V
3.3V
3.3V
15V
±
15V
±
15V
±
15V
±
5V
5V
5V
5V
12V
12V
12V
12V
15V
15V
15V
15V
5V
±
5V
±
5V
±
5V
±
12V
±
12V
±
12V
±
12V
±
550mA
212mA
106mA
52mA
750mA
294mA
145mA
74mA
779mA
309mA
152mA
74mA
750mA
298mA
145mA
73mA
750mA
294mA
145mA
73mA
779mA
305mA
152mA
73mA
750mA
298mA
147mA
73mA
15mA
5mA
5mA
3mA
25mA
15mA
10mA
5mA
15mA
5mA
5mA
3mA
18mA
10mA
7.5mA
3mA
18mA
10mA
7.5mA
5mA
25mA
10mA
7.5mA
5mA
10mA
5mA
25mA
12mA
600mA
600mA
600mA
600mA
600mA
600mA
600mA
600mA
250mA
250mA
250mA
250mA
200mA
200mA
200mA
200mA
0 ~ 300mA
±
0 ~ 300mA
±
0 ~ 300mA
±
0 ~ 300mA
±
0 ~ 125mA
±
0 ~ 125mA
±
0 ~ 125mA
±
0 ~ 125mA
±
0 ~ 100mA
±
0 ~ 100mA
±
0 ~ 100mA
±
0 ~ 100mA
±
73%
78%
82%
78%
80%
80%
87%
87%
78%
84%
82%
84%
80%
85%
86%
86%
81%
82%
86%
87%
77%
84%
82%
85%
80%
85%
87%
87%
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
2200 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
File Name:SCWN03,DCWN03-SPEC 2017-03-06
3W DIP Package DC-DC Regulated Converter
SCWN03 & DCWN03 series
EFFICIENCY
(TYP.)
* For each output


Similar Part No. - DCWN03B-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DCWN06 MEANWELL-DCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
DCWN06A-05 MEANWELL-DCWN06A-05 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
DCWN06A-12 MEANWELL-DCWN06A-12 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
DCWN06A-15 MEANWELL-DCWN06A-15 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
DCWN06B-05 MEANWELL-DCWN06B-05 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
More results

Similar Description - DCWN03B-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SLC03 MEANWELL-SLC03 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
MDS03 MEANWELL-MDS03 Datasheet
95Kb / 5P
   3W DIP Package DC-DC Medical Grade Regulated Converter
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S DELTA-DE03S Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
   DC/DC CONVERTER 3W, DIP Package
MIAR03 MINMAX-MIAR03_15 Datasheet
610Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S0503A DELTA-DE03S0503A Datasheet
214Kb / 5P
   3W DC/DC CONVERTER, DIP-Package
logo
Mean Well Enterprises C...
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
logo
Mean Well Enterprises C...
SCW20 MEANWELL-SCW20 Datasheet
111Kb / 5P
   20W DIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com