Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKM10E-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SKM10E-12
Description  10W 1"x1" Package DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SKM10E-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SKM10E-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SKM10E-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SKM10E-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SKM10E-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
EFFICIENCY
(Typ.)
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
SKM10E-03
SKM10B-03
SKM10A-03
SKM10C-03
SKM10E-05
SKM10B-05
SKM10A-05
SKM10C-05
SKM10E-12
SKM10B-12
SKM10A-12
SKM10C-12
SKM10E-15
SKM10B-15
SKM10A-15
SKM10C-15
DKM10E-05
DKM10B-05
DKM10A-05
DKM10C-05
DKM10E-12
DKM10B-12
DKM10A-12
DKM10C-12
DKM10E-15
DKM10B-15
DKM10A-15
DKM10C-15
5V
(4.7 ~ 9V)
24V
(18 ~ 36V)
12V
(9 ~ 18V)
48V
(36 ~ 75V)
3.3V
3.3V
3.3V
3.3V
5V
5V
5V
5V
12V
12V
12V
12V
15V
15V
15V
15V
5V
±
5V
±
5V
±
5V
±
12V
±
12V
±
12V
±
12V
±
15V
±
15V
±
15V
±
15V
±
1897mA
421mA
2297mA
478mA
957mA
239mA
2299mA
490mA
855mA
213mA
957mA
239mA
2298mA
478mA
980mA
245mA
2297mA
478mA
957mA
239mA
2353mA
490mA
956mA
239mA
2295mA
478mA
985mA
246mA
85mA
25mA
40mA
30mA
15mA
15mA
15mA
15mA
15mA
15mA
15mA
30mA
35mA
35mA
40mA
40mA
85mA
25mA
40mA
30mA
25mA
30mA
25mA
40mA
25mA
25mA
25mA
40mA
2500mA
2500mA
2500mA
2500mA
2000mA
2000mA
2000mA
2000mA
833mA
833mA
833mA
833mA
666mA
666mA
666mA
666mA
0 ~ 1000mA
±
0 ~ 1000mA
±
0 ~ 1000mA
±
0 ~ 1000mA
±
0 ~416mA
±
0 ~416mA
±
0 ~416mA
±
0 ~416mA
±
0 ~ 333mA
±
0 ~ 333mA
±
0 ~ 333mA
±
0 ~ 333mA
±
87%
82%
87%
90%
87%
86%
87%
85%
81%
81%
89%
89%
87%
88%
85%
85%
87%
88%
89%
89%
85%
85%
87%
88%
87%
88%
85%
85%
10W 1"x1" Package DC-DC Regulated Converter
2470 F
μ
2470 F
μ
2470 F
μ
2470 F
μ
2000 F
μ
2000 F
μ
2000 F
μ
2000 F
μ
940 F
μ
940 F
μ
940 F
μ
940 F
μ
690 F
μ
690 F
μ
690 F
μ
690 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*1000 F
μ
*440 F
μ
*440 F
μ
*440 F
μ
*440 F
μ
*330 F
μ
*330 F
μ
*330 F
μ
*330 F
μ
File Name:SKM10,DKM10-SPEC 2017-03-06
SKM10 & DKM10 series
* For each output


Similar Part No. - SKM10E-12

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM100GA123D SEMIKRON-SKM100GA123D Datasheet
123Kb / 1P
   SEMITRANS IGBT Modules New Range
SKM100GA163D SEMIKRON-SKM100GA163D Datasheet
123Kb / 1P
   SEMITRANS IGBT Modules New Range
SKM100GAL123D SEMIKRON-SKM100GAL123D Datasheet
123Kb / 1P
   SEMITRANS IGBT Modules New Range
SKM100GAL123D SEMIKRON-SKM100GAL123D Datasheet
559Kb / 4P
   IGBT Modules
SKM100GAL123D SEMIKRON-SKM100GAL123D Datasheet
566Kb / 6P
   IGBT Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com