Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKM10C-05 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # SKM10C-05
Description  10W 1"x1" Package DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SKM10C-05 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  SKM10C-05 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SKM10C-05 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SKM10C-05 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SKM10C-05 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
File Name:SKM10,DKM10-SPEC 2017-03-06
10W 1"x1" Package DC-DC Regulated Converter
All dimensions in mm(inch)
Tolerance:x.x
0.5mm(
0.02")
±±
x.xx
Pin size is 1
0.1mm ( .
0.004")
±"±
004
In order to trim the voltage up or down one needs to connect the trim resistor either between the trim pin and -Vo for trim-up and between trim pin and
+Vo for trim-down. The output voltage trim range is
10%. This is shown in Figures 1 and 2:
±
Figure 1. Trim-up Voltage Setup
R trim-up
R trim-down
R-Load
R-Load
+Vin
+Vin
+Vo
+Vo
Trim
Trim
-Vo
-Vo
-Vin
-Vin
Figure 2. Trim-down Voltage Setup
Plug Assignment
Pin-Out
Pin No.
1
2
3
4
5
6
+Vin
-Vin
+Vout
Trim
-Vout
R.C.
+Vin
-Vin
+Vout
Common
-Vout
R.C.
SKM10
(Single output)
DKM10
(Dual output)
Installation Manual
Please refer to : http://www.meanwell.com/manual.html
Derating Curve
Ta (
)
-40
-20
0
Natural convection
20
40
60
80
100
40
20
60
71
85
105
SKM10 & DKM10 series
External Output Trimming
Mechanical Specification
54
3
1
2
6
Bottom View
Side View
10.2(0.4)
5.08(0.2)
10.16(0.4)
10.2(0.4)
5.6(0.22 min.
)
10.16(0.4)
25.4(1)
7.62(0.3)


Similar Part No. - SKM10C-05

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM100GA123D SEMIKRON-SKM100GA123D Datasheet
123Kb / 1P
   SEMITRANS IGBT Modules New Range
SKM100GA163D SEMIKRON-SKM100GA163D Datasheet
123Kb / 1P
   SEMITRANS IGBT Modules New Range
SKM100GAL123D SEMIKRON-SKM100GAL123D Datasheet
123Kb / 1P
   SEMITRANS IGBT Modules New Range
SKM100GAL123D SEMIKRON-SKM100GAL123D Datasheet
559Kb / 4P
   IGBT Modules
SKM100GAL123D SEMIKRON-SKM100GAL123D Datasheet
566Kb / 6P
   IGBT Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com