Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGM2W561MELB45 Datasheet(PDF) 2 Page - Nichicon corporation

Part # LGM2W561MELB45
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGM2W561MELB45 Datasheet(HTML) 2 Page - Nichicon corporation

  LGM2W561MELB45 Datasheet HTML 1Page - Nichicon corporation LGM2W561MELB45 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LGM
Dimensions
450V (2W)
Cap.
(µF)
Size
φD
× L(mm)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
180
22
× 30
470
0.85
LGM2W181MELZ30
25
× 25
470
0.85
LGM2W181MELA25
220
22
× 35
550
0.94
LGM2W221MELZ35
25
× 30
550
0.94
LGM2W221MELA30
270
25
× 35
650
1.04
LGM2W271MELA35
30
× 25
650
1.04
LGM2W271MELB25
330
25
× 40
750
1.15
LGM2W331MELA40
30
× 30
730
1.15
LGM2W331MELB30
390
25
× 45
900
1.25
LGM2W391MELA45
30
× 35
900
1.25
LGM2W391MELB35
470
30
× 40
1000
1.37
LGM2W471MELB40
35
× 30
1000
1.37
LGM2W471MELC30
560
30
× 45
1200
1.50
LGM2W561MELB45
35
× 35
1200
1.50
LGM2W561MELC35
680
35
× 40
1400
1.65
LGM2W681MELC40
820
35
× 45
1600
1.82
LGM2W821MELC45
Rated ripple current (mArms) at 105°C 120Hz
ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - LGM2W561MELB45

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LGM25 PF-LGM25 Datasheet
962Kb / 11P
   Light grid
More results

Similar Description - LGM2W561MELB45

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com